Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322-596-1516 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 2322-596-1516
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-596-1516 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 2322-596-1516 Datasheet HTML 2Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 3Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 4Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 5Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 6Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 7Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 8Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 9Page - Vishay Siliconix 2322-596-1516 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2322 59. .....
Varistors
Vishay BCcomponents
Document Number: 29081
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 10-Oct-03
221
COMPONENT DIMENSIONS AND CATALOG NUMBERS in millimeters
D
MAX.
A
MAX.
A0
MAX.
L
MIN.
T
MAX.
T
MIN.
∅DF
CATALOG NUMBER
7.0
9.0
11.0
27.0
6
4.1
0.6 ±
±
±
±0.05
5 +0.6/−
−0.1
2322 592 .....
9.0
11.0
13.0
27.0
6
4.1
0.6 ±
±
±
±0.05
5 +0.6/−
−0.1
2322 593 .....
13.5
15.5
18.0
17.0
7
4.4
0.8 ±
±
±
±0.05
7.5 ±
±
±
±0.8
2322 594 .....
17.0
19.0
23.0
16.0
7
4.4
0.8 ±
±
±
±0.05
7.5 ±
±
±
±0.8
2322 595 .....
23.0
25.0
28.0
24.0
7
5.0
1.0 ±
±
±
±0.05
10 ±
±
±
±0.8
2322 596 .....
VARISTORS ON TAPE ON REEL
TYPE
2322 592 .....
∅5 mm
14 V to 460 V
2322 593 .....
∅7 mm
14V to 460 V
2322 594 .....
∅10 mm
14 V to 550 V
2322 595 .....
∅14 mm
14V to 460 V
Straight leads:
H = 18 mm (2322 594 and 2322 595); see Taped version with
straight leads (only for 2322 594 and 2322 595 series) drawing
0...6
0...6
H = 20 mm (2322 592 and 2322 593); see Taped version with
straight leads (only for 2322 592 and 2322 593 series) drawing
0...6
0...6
Straight leads with flange; H0 = 16 mm; see Taped version with
flanged leads (only for 2322 592 and 2322 593 series) drawing
1...6
1...6
−−
Straight leads with flange; H0 = 18.25 mm; see Taped version with
flanged leads (only for 2322 592 and 2322 593 series) drawing
2...6
2...6
−−
Kinked leads; H0 = 18.25 mm; see Taped version with kinked
leads (only for 2322 594 and 2322 595 series) drawing
3...6
3...6
3...6
3...6
Kinked leads; H0 = 16 mm; see Taped version with kinked leads
(only for 2322 592 and 2322 593 series) drawing
8...6
8...6
8...6
8...6
Package quantities
14 V to 385 V
3000
3000
1500
1500
≥420 V
1000
510 V to 550 V
1200
1200


Similar Part No. - 2322-596-1516

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-596-1516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com