Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1496BD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC1496BD
Description  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496BD Datasheet(HTML) 4 Page - ON Semiconductor

  MC1496BD Datasheet HTML 1Page - ON Semiconductor MC1496BD Datasheet HTML 2Page - ON Semiconductor MC1496BD Datasheet HTML 3Page - ON Semiconductor MC1496BD Datasheet HTML 4Page - ON Semiconductor MC1496BD Datasheet HTML 5Page - ON Semiconductor MC1496BD Datasheet HTML 6Page - ON Semiconductor MC1496BD Datasheet HTML 7Page - ON Semiconductor MC1496BD Datasheet HTML 8Page - ON Semiconductor MC1496BD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
4
GENERAL OPERATING INFORMATION
Carrier Feedthrough
Carrier feedthrough is defined as the output voltage at
carrier
frequency
with
only
the
carrier
applied
(signal voltage = 0).
Carrier null is achieved by balancing the currents in the
differential amplifier by means of a bias trim potentiometer
(R1 of Figure 5).
Carrier Suppression
Carrier suppression is defined as the ratio of each
sideband output to carrier output for the carrier and signal
voltage levels specified.
Carrier suppression is very dependent on carrier input
level, as shown in Figure 22. A low value of the carrier does
not fully switch the upper switching devices, and results in
lower signal gain, hence lower carrier suppression. A higher
than optimum carrier level results in unnecessary device and
circuit carrier feedthrough, which again degenerates the
suppression figure. The MC1496 has been characterized
with a 60 mVrms sinewave carrier input signal. This level
provides optimum carrier suppression at carrier frequencies
in the vicinity of 500 kHz, and is generally recommended for
balanced modulator applications.
Carrier feedthrough is independent of signal level, VS.
Thus carrier suppression can be maximized by operating
with large signal levels. However, a linear operating mode
must be maintained in the signal−input transistor pair − or
harmonics of the modulating signal will be generated and
appear in the device output as spurious sidebands of the
suppressed carrier. This requirement places an upper limit
on input−signal amplitude (see Figure 20). Note also that an
optimum carrier level is recommended in Figure 22 for good
carrier suppression and minimum spurious sideband
generation.
At higher frequencies circuit layout is very important in
order to minimize carrier feedthrough. Shielding may be
necessary in order to prevent capacitive coupling between
the carrier input leads and the output leads.
Signal Gain and Maximum Input Level
Signal gain (single−ended) at low frequencies is defined
as the voltage gain,
A
VS +
Vo
V
S
+
R
L
Re)2re
where re +
26 mV
I5(mA)
A constant dc potential is applied to the carrier input
terminals to fully switch two of the upper transistors “on”
and two transistors “off” (VC = 0.5 Vdc). This in effect
forms a cascode differential amplifier.
Linear operation requires that the signal input be below a
critical value determined by RE and the bias current I5.
VS p I5 RE (Volts peak)
Note that in the test circuit of Figure 10, VS corresponds to
a maximum value of 1.0 V peak.
Common Mode Swing
The common−mode swing is the voltage which may be
applied to both bases of the signal differential amplifier,
without saturating the current sources or without saturating
the differential amplifier itself by swinging it into the upper
switching devices. This swing is variable depending on the
particular circuit and biasing conditions chosen.
Power Dissipation
Power dissipation, PD, within the integrated circuit
package should be calculated as the summation of the
voltage−current products at each port, i.e. assuming
V12 = V6, I5 = I6 = I12 and ignoring base current,
PD = 2 I5 (V6 − V14) + I5)V5 − V14 where subscripts refer
to pin numbers.
Design Equations
The following is a partial list of design equations needed
to operate the circuit with other supply voltages and input
conditions.
A. Operating Current
The internal bias currents are set by the conditions at Pin 5.
Assume:
I5 = I6 = I12,
IB
ttIC for all transistors
then :
R5
+
V
**f
I5
*500 W
where: R5 is the resistor between
where: Pin 5 and ground
where:
f = 0.75 at TA = +25°C
The MC1496 has been characterized for the condition
I5 = 1.0 mA and is the generally recommended value.
B. Common−Mode Quiescent Output Voltage
V6 = V12 = V+ − I5 RL
Biasing
The MC1496 requires three dc bias voltage levels which
must be set externally. Guidelines for setting up these three
levels include maintaining at least 2.0 V collector−base bias
on all transistors while not exceeding the voltages given in
the absolute maximum rating table;
30 Vdc
w [(V6, V12) − (V8, V10)] w 2 Vdc
30 Vdc
w [(V8, V10) − (V1, V4)] w 2.7 Vdc
30 Vdc
w [(V1, V4) − (V5)] w 2.7 Vdc
The foregoing conditions are based on the following
approximations:
V6 = V12, V8 = V10, V1 = V4


Similar Part No. - MC1496BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496BD ONSEMI-MC1496BD Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDG ONSEMI-MC1496BDG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDR2 ONSEMI-MC1496BDR2 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDR2G ONSEMI-MC1496BDR2G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Similar Description - MC1496BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com