Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322-592-4216 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 2322-592-4216
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-592-4216 Datasheet(HTML) 4 Page - Vishay Siliconix

  2322-592-4216 Datasheet HTML 1Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 2Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 3Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 4Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 5Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 6Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 7Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 8Page - Vishay Siliconix 2322-592-4216 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2322 59. .....
Varistors
Vishay BCcomponents
Document Number: 29081
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 10-Oct-03
219
ELECTRICAL CHARACTERISTICS
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient current (Inrp) (8 × 20 µs:
2322 592 .....
100 or 400
A
2322 593 .....
250 or 1200
A
2322 594 .....
500 or 2500
A
2322 595 .....
1000 or 4500
A
2322 596 .....
6500
A
Thermal resistance:
2322 592 .....
≈80
K/W
2322 593 .....
≈70
K/W
2322 594 .....
≈60
K/W
2322 595 .....
≈50
K/W
2322 596 .....
≈40
K/W
Maximum dissipation:
2322 592 .....
100
mW
2322 593 .....
250
mW
2322 594 .....
400
mW
2322 595 .....
600
mW
2322 596 .....
1000
mW
Temperature coefficient of voltage at 1 mA maximum
−0.065
%/K
Voltage proof between interconnected leads and case
2500
V
Climatic category
40/085/56
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF
PULSE WIDTH
0
100
V
(%)
40
80
125
T ( C)
o
Ip
t1
t2
t (µs)
(%)
100
50
90
10
0
t2 (µs)
20
50
100
1000
1
1.2
1.3
1.4
K


Similar Part No. - 2322-592-4216

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-592-4216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com