Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322-594-4216 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2322-594-4216
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-594-4216 Datasheet(HTML) 1 Page - Vishay Siliconix

  2322-594-4216 Datasheet HTML 1Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 2Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 3Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 4Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 5Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 6Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 7Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 8Page - Vishay Siliconix 2322-594-4216 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Varistors
2322 59. .....
Vishay BCcomponents
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29081
216
Revision: 10-Oct-03
FEATURES
• Zinc oxide disc, epoxy coated
• Straight leads
• Straight leads with flange (2322 592 and 593 series only)
• Kinked leads.
APPLICATION
• Suppression of transients.
DESCRIPTION
The varistors consist of a disc of low-β ceramic material with
two tinned solid copper leads. They are coated with a layer of
ochre coloured epoxy, which provides electrical, mechanical
and climatic protection. The encapsulation is resistant to all
cleaning solvents in accordance with “IEC 60068-2-45”.
MOUNTING
The varistors are suitable for processing on automatic
insertion and cutting and bending equipment.
Varistors with flanged leads provide better positioning on
printed-circuit boards (PCB) and more accurate control over
component height. This is important for hand mounting and
automatic insertion techniques; see Outlines of flanged leads
drawing.
Soldering
≤240 °C; duration
5 s.
Resistance to heat
≤260 °C; duration ≤5 s.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage
• Series number (592, 593, 594, 595 or 596)
• Manufacturers logo
• Date of manufacture.
INFLAMMABILITY
The varistors are non-flammable.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient
current Inrp (8 × 20 µs)
100 to 6500
A
Robustness of terminations
10
N
Drop test:
Height of fall
1
m
Detailed specification
based on
CECC 42000
Climatic category
40/085/56
ORDERING INFORMATION
The varistors are available in a number of packaging options:
• Bulk
• On tape on reel
• On tape in ammopack.
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack and Varistors in Bulk. To complete the catalog
number and to determine the required operating parameters,
see Electrical Data and Ordering Information table.
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE(3)at
1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY(4)
(10 ×
×
×
× 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT(5)
Inrp (8 ××
×
× 20 µs)
TYPICAL
CAPACITANCE at
1 kHZ
CATALOG
NUMBERS(1)
RMS(2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(PF)
2322 ... .....
14
18
22
48
1.0
0.5
100
1300
592 .1406(6)
43
2.5
1.7
250
2800
593 .1406(6)
43
5.0
4.3
500
6000
594 .1406(6)
43
10.0
5.4
1000
15000
595 .1406(6)
17
22
27
60
1.0
0.7
100
1050
592 .1706(6)
53
2.5
2.0
250
2000
593 .1706(6)
53
5.0
5.3
500
4000
594 .1706(6)
53
10.0
6.9
1000
10000
595 .1706(6)


Similar Part No. - 2322-594-4216

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-594-4216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com