Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33076D Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33076D
Description  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33076D Datasheet HTML 3Page - ON Semiconductor MC33076D Datasheet HTML 4Page - ON Semiconductor MC33076D Datasheet HTML 5Page - ON Semiconductor MC33076D Datasheet HTML 6Page - ON Semiconductor MC33076D Datasheet HTML 7Page - ON Semiconductor MC33076D Datasheet HTML 8Page - ON Semiconductor MC33076D Datasheet HTML 9Page - ON Semiconductor MC33076D Datasheet HTML 10Page - ON Semiconductor MC33076D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC33076
7
MOTOROLA ANALOG IC DEVICE DATA
AV = +1000
AV = +100
AV = +10
AV = +1
Figure 19. Phase Margin and Gain Margin
versus Differential Source Resistance
CL, OUTPUT LOAD CAPACITANCE (pF)
Figure 20. Open Loop Gain Margin and Phase
Margin versus Output Load Capacitance
RT, DIFFERENTIAL SOURCE RESISTANCE (Ω)
Figure 21. Channel Separation
versus Frequency
f, FREQUENCY (Hz)
50
40
30
20
10
0
16
14
12
10
8.0
6.0
4.0
2.0
0
f, FREQUENCY (Hz)
Figure 22. Total Harmonic Distortion
versus Frequency
Figure 23. Output Impedance
versus Frequency
f, FREQUENCY (Hz)
Figure 24. Input Referred Noise Voltage
versus Frequency
f, FREQUENCY (Hz)
AV = 1000
AV = 100
AV = 10
AV = 1.0
60
50
40
30
20
10
20
16
12
8.0
4.0
0
130
120
110
100
90
80
0
140
70
3.0
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
0
20
16
12
8.0
4.0
0
0
400
800
1200
1600
2000
0
2.0 k
4.0 k
6.0 k
8.0 k
10 k
12 k
100
1.0 k
10 k
100 k
1.0 M
10
100
1.0 k
10 k
100 k
10 M
1.0 M
100 k
10 k
10
100
1.0 k
10 k
100 k
Gain Margin
VCC = +15 V
VEE = –15 V
RT = R1 + R2
VO = 0 V
TA = 25°C
Phase Margin
Phase Margin
Gain Margin
VCC = +15 V
VEE = –15 V
VO = 0 V
Drive Channel
VCC = +15 V
VEE = –15 V
RL = 100 Ω
TA = 25°C
VCC = +15 V
VEE = –15 V
VCM = 0 V
VO = 0 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VO
+
Input Noise Voltage
Test Circuit
VCC = +15 V
VEE = –15 V
RL = 100 Ω
VO = 2.0 Vpp
TA = 25°C


Similar Part No. - MC33076D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076D ONSEMI-MC33076D Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076DR2 ONSEMI-MC33076DR2 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

Similar Description - MC33076D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com