Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6251AHRZ Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL6251AHRZ
Description  Low Cost Multi-Chemistry Battery Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6251AHRZ Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL6251AHRZ Datasheet HTML 12Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 13Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 14Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 15Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 16Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 17Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 18Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 19Page - Intersil Corporation ISL6251AHRZ Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
FN9202.1
June 17, 2005
The voltage gain with open current loop is:
Where
, VFB is the feedback voltage of the voltage
error amplifier. The Voltage loop gain with current loop
closed is given by:
If Ti(S)>>1, then it can be simplified as follows:
,
From the above equation, it is shown that the system is a
single order system, which has a single pole located at
before the half switching frequency. Therefore, simple type II
compensator can be easily used to stabilize the system.
Figure 15 shows the voltage loop compensator, and its
transfer function is expressed as follows:
FIGURE 14. SMALL SIGNAL MODEL OF SYNCHRONOUS
BUCK REGULATOR
FIGURE 15. VOLTAGE LOOP COMPENSATOR
where
Compensator design goal:
• High DC gain
• Loop bandwidth fc:
• Gain margin: >10dB
• Phase margin: 40°
The compensator design procedure is as follows:
1. Put compensator zero at:
2. Put one compensator pole at zero frequency to achieve
high DC gain, and put another compensator pole at either
ESR zero frequency or half switching frequency,
whichever is lower.
The loop gain Tv(S) at cross over frequency of fc has unity
gain. Therefore, the compensator resistance R1 is
determined by:
where gm is the trans-conductance of the voltage loop error
amplifier. Compensator capacitor C1 is then given by:
Example: Vin=19V, Vo=16.8V, Io=2.6A, fs=300kHz,
Co=10µF/10mΩ, L=10µH, gm=250µs, RT=0.2Ω, VFB=2.1V,
VPWM=VIN/11, fc=20kHz, then compensator resistance
R1=8.0kΩ. Choose R1=10kΩ. Put the compensator zero at
1.5kHz. The compensator capacitor is C1=10nF. Therefore,
choose voltage loop compensator: R1=10K, C1=10nF.
PCB Layout Considerations
Power and Signal Layers Placement on the PCB
As a general rule, power layers should be close together,
either on the top or bottom of the board, with signal layers on
the opposite side of the board. As an example, layer
arrangement on a 4-layer board is shown below:
1. Top Layer: signal lines, or half board for signal lines and
the other half board for power lines
2. Signal Ground
3. Power Layers: Power Ground
4. Bottom Layer: Power MOSFET, Inductors and other
Power traces
Separate the power voltage and current flowing path from
the control and logic level signal path. The controller IC will
() ()
S
A
S
F
KF
)
S
(
T
v
1
m
v
=
o
FB
V
V
K
=
()
()
S
T
1
S
T
)
S
(
L
i
v
v
+
=
()
()
S
H
S
A
S
1
S
1
R
R
R
V
V
)
S
(
L
e
v
p
esr
T
L
o
o
FB
v
ω
ω
+
+
+
=
o
o
p
C
R
1
ω
p
ω
Vin
IL
in
in
L
+
1:D
L
Co
Rc
Ro
-Av(S)
comp
RT
Fm
He(S)
+
Ti(S)
K
o
Tv(S)
Vin
IL
in
in
L
+
1:D
L
Co
Rc
Ro
-Av(S)
comp
RT
Fm
He(S)
+
Ti(S)
K
o
Tv(S)
-
+
R1
C1
V
REF
VFB
Vo
gm
VCOMP
-
+
Vo
-
+
R1
C1
V
REF
VFB
Vo
gm
VCOMP
-
+
Vo
()
SC
S
1
g
S
A
1
cz
m
FB
comp
v
ω
+
=
=
,
C
R
1
1
1
cz =
ω
s
f
20
1
5
1
 −
()
o
o
cz
C
R
1
3
1
=
ω
FB
m
T
o
o
c
1
V
g
R
C
V
f
2
R
π
=
cz
1
1
R
1
C
ω
=
ISL6251, ISL6251A


Similar Part No. - ISL6251AHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251AHRZ INTERSIL-ISL6251AHRZ Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251AHRZ INTERSIL-ISL6251AHRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6251AHRZ RENESAS-ISL6251AHRZ Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Intersil Corporation
ISL6251AHRZ-T INTERSIL-ISL6251AHRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6251AHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251_06 Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com