Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6251AHAZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6251AHAZ
Description  Low Cost Multi-Chemistry Battery Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6251AHAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6251AHAZ Datasheet HTML 1Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 2Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 3Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 4Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 5Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 6Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 7Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 8Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN9202.1
June 17, 2005
OSCILLATOR
Frequency
245
300
355
kHz
PWM Ramp Voltage (peak-peak)
CSIP=18V
1.6
V
CSIP=11V
1
V
SYNCHRONOUS BUCK REGULATOR
Maximum Duty Cycle
97
99
99.6
%
UGATE Pull-up Resistance
BOOT-PHASE=5V, 500mA source current
1.8
3.0
UGATE Source Current
BOOT-PHASE=5V, BOOT-UGATE=2.5V
1.0
A
UGATE Pull-down Resistance
BOOT-PHASE=5V, 500mA sink current
1.0
1.8
UGATE Sink Current
BOOT-PHASE=5V, UGATE-PHASE=2.5V
1.8
A
LGATE Pull-up Resistance
VDDP-PGND=5V, 500mA source current
1.8
3.0
LGATE Source Current
VDDP-PGND=5V, VDDP-LGATE=2.5V
1.0
A
LGATE Pull-down Resistance
VDDP-PGND=5V, 500mA sink current
1.0
1.8
LGATE Sink Current
VDDP-PGND=5V, LGATE=2.5V
1.8
A
CHARGING CURRENT SENSING AMPLIFIER
Input Common-Mode Range
0
18
V
Input Offset Voltage
Guarantee by design
-2.5
0
2.5
mV
Input Bias Current at CSOP
0 < CSOP < 18V
0.25
2
µA
Input Bias Current at CSON
0 < CSON < 18V
75
100
µA
CHLIM Input Voltage Range
0
3.6
V
CSOP to CSON Full-Scale Current
Sense Voltage
ISL6251: CHLIM=3.3V
157
165
173
mV
ISL6251A, CHLIM=3.3V
160
165
170
mV
ISL6251: CHLIM=2.0V
95
100
105
mV
ISL6251A: CHLIM=2.0V
97
100
103
mV
ISL6251: CHLIM=0.2V
5.0
10
15.0
mV
ISL6251A: CHLIM=0.2V
7.5
10
12.5
mV
CHLIM Input Bias Current
CHLIM=GND or 3.3V, DCIN=0V
-1
1
µA
CHLIM Power-Down Mode Threshold
Voltage
CHLIM rising
80
88
95
mV
CHLIM Power-Down Mode Hysteresis
Voltage
15
25
40
mV
ADAPTER CURRENT SENSING AMPLIFIER
Input Common-Mode Range
7
25
V
Input Offset Voltage
Guarantee by design
-2
2
mV
Input Bias Current at CSIP & CSIN
Combined
CSIP=CSIN=25V
100
130
µA
Input Bias Current at CSIN
0 < CSIN < DCIN, Guaranteed by design
0.10
1
µA
Electrical Specifications
DCIN=CSIP=CSIN=18V, CSOP=CSON=12V, ACSET=1.5V, ACLIM=VREF, VADJ=Floating, EN=VDD=5V,
BOOT-PHASE=5.0V, GND=PGND=0V, CVDD=1µF, IVDD=0mA, TA=-10°C to +100°C, TJ 125°C, unless
otherwise noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6251, ISL6251A


Similar Part No. - ISL6251AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251AHAZ INTERSIL-ISL6251AHAZ Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251AHAZ RENESAS-ISL6251AHAZ Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
More results

Similar Description - ISL6251AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251_06 Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com