Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6548 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6548
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6548 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6548 Datasheet HTML 1Page - Intersil Corporation ISL6548 Datasheet HTML 2Page - Intersil Corporation ISL6548 Datasheet HTML 3Page - Intersil Corporation ISL6548 Datasheet HTML 4Page - Intersil Corporation ISL6548 Datasheet HTML 5Page - Intersil Corporation ISL6548 Datasheet HTML 6Page - Intersil Corporation ISL6548 Datasheet HTML 7Page - Intersil Corporation ISL6548 Datasheet HTML 8Page - Intersil Corporation ISL6548 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN9188.1
February 9, 2005
Simplified Power System Diagram
Typical Application
PWM
5VSBY
VTT
ISL6548
CONTROLLER
REGULATOR
12V
VREF
VTT
+
SLEEP
STATE
LOGIC
SLP_S3
SLP_S5
Q5
+
VDDQ
VDDQ
Q1
5VDUAL
Q2
+
VTT_GMCH/CPU
LINEAR
CONTROLLER
LINEAR
CONTROLLER
TWO STAGE
+
VGMCH
Q4
Q3
Q6
5VSBY
UGATE
FB
COMP
ISL6548
LGATE
DDR_VTT(x2)
VTT_DDR
VREF_IN
DDR_VTTSNS
DRIVE3
FB3
VDDQ_DDR
+
5VDUAL
OCSET
GND
PHASE
VGMCH
DDR_VDDQ(x2)
SLP_S5
SLP_S3
S5#
S3#
12V
BOOT
VDDQ_DDR
DRIVE4
DRIVE2_U
FB2
VTT_GMCH/CPU
VIDPGD
FB4
REFADJ4
R3
C3
C1
C2
R1
R2
R4
Q2
Q1
ROCSET
DBOOT
CBOOT
R5
R6
R7
R8
Q3
Q4
Q5
Q6
DRIVE2_L
ISL6548


Similar Part No. - ISL6548

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548 RENESAS-ISL6548 Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6548

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com