Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6548A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6548A
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6548A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6548A Datasheet HTML 2Page - Intersil Corporation ISL6548A Datasheet HTML 3Page - Intersil Corporation ISL6548A Datasheet HTML 4Page - Intersil Corporation ISL6548A Datasheet HTML 5Page - Intersil Corporation ISL6548A Datasheet HTML 6Page - Intersil Corporation ISL6548A Datasheet HTML 7Page - Intersil Corporation ISL6548A Datasheet HTML 8Page - Intersil Corporation ISL6548A Datasheet HTML 9Page - Intersil Corporation ISL6548A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9189.1
July 22, 2005
Functional Pin Description
5VSBY (Pin 1)
5VSBY is the bias supply of the ISL6548A. It is typically
connected to the 5V standby rail of an ATX power supply.
During S4/S5 sleep states the ISL6548A enters a reduced
power mode and draws less than 1mA (ICC_S5) from the
5VSBY supply. The supply to 5VSBY should be locally
bypassed using a 0.1
µF capacitor.
P12V (Pin 3)
The VTT regulation circuit and the Linear Drivers are
powered by P12V. P12V is not required during S3/S4/S5
operation. P12V is typically connected to the +12V rail of an
ATX power supply.
GND (Pins 4, 27, 29)
The GND terminals of the ISL6548A provide the return path
for the VTT LDO, and switching MOSFET gate drivers. High
ground currents are conducted directly through the exposed
paddle of the QFN package which must be electrically
connected to the ground plane through a path as low in
inductance as possible.
PWM CONTROLLER GATE DRIVERS
UGATE and LGATE Source
IGATE
--0.8
-
A
UGATE and LGATE Sink
IGATE
-0.8
-
A
VTT REGULATOR
Upper Divider Impedance
RU
-2.5
-
k
Lower Divider Impedance
RL
-2.5
-
k
Maximum VTT Load Current
IVTT_MAX
Periodic load applied with 30% duty cycle and
10ms period using ISL6548A_6506EVAL1
evaluation board (see Application Note AN1124)
-3
-
3
A
LINEAR REGULATORS
DC Gain
Guaranteed By Design
-
80
-
dB
Gain Bandwidth Product
GBWP
15
-
-
MHz
Slew Rate
SR
-
6
-
V/
µs
DRIVEn High Output Voltage
DRIVEn Unloaded
9.75
10.0
-
V
DRIVEn Low Output Voltage
-
0.16
0.50
V
DRIVEn High Output Source Current
VFB = 770mV, VDRIVEn = 0V
-
1.7
2.6
mA
DRIVEn Low Output Sink Current
VFB = 830mV, VDRIVEn = 10V
-
1.20
2.00
mA
VIDPGD
VTT_GMCH/CPU Rising Threshold
S0
.725
.740
-
V
VTT_GMCH/CPU Falling Threshold
S0
-
0.700 0.715
V
PROTECTION
OCSET Current Source
IOCSET
18
20
22
µA
VTT_DDR Current Limit
By Design
-3.3
-
3.3
A
VDDQ OV Level
VFB/VREF
S0/S3
-
115
-
%
VDDQ UV Level
VFB/VREF
S0/S3
-
85
-
%
VTT_DDR OV Level
VTT/VVREF_IN S0
-
115
-
%
VTT_DDR UV Level
VTT/VVREF_IN S0
-
85
-
%
VGMCH UV Level
VFB4/VREF
S0
-
85
-
%
VTT_GMCH/CPU UV Level
VFB2/VREF
S0
-
85
-
%
Thermal Shutdown Limit
TSD
By Design
-
140
-
°C
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams and Typical Application Schematics (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6548A


Similar Part No. - ISL6548A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548ACRZA INTERSIL-ISL6548ACRZA Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548ACRZA RENESAS-ISL6548ACRZA Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548ACRZA-T INTERSIL-ISL6548ACRZA-T Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6548A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com