Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6566ACRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6566ACRZ
Description  Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566ACRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6566ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 13Page - Intersil Corporation ISL6566ACRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN9200.2
July 27, 2005
VCOMP voltage crosses the sawtooth ramp, the PWM output
transitions high. The internal or external MOSFET driver
detects the change in state of the PWM signal and turns off
the synchronous MOSFET and turns on the upper MOSFET.
The PWM signal will remain high until the pulse termination
signal marks the beginning of the next cycle by triggering the
PWM signal low.
Channel-Current Balance
One important benefit of multi-phase operation is the thermal
advantage gained by distributing the dissipated heat over
multiple devices and greater area. By doing this the designer
avoids the complexity of driving parallel MOSFETs and the
expense of using expensive heat sinks and exotic magnetic
materials.
In order to realize the thermal advantage, it is important that
each channel in a multi-phase converter be controlled to
carry about the same amount of current at any load level. To
achieve this, the currents through each channel must be
sampled every switching cycle. The sampled currents, In,
from each active channel are summed together and divided
by the number of active channels. The resulting cycle
average current, IAVG, provides a measure of the total load-
current demand on the converter during each switching
cycle. Channel-current balance is achieved by comparing
the sampled current of each channel to the cycle average
current, and making the proper adjustment to each channel
pulse width based on the error. Intersil’s patented current-
balance method is illustrated in Figure 3, with error
correction for channel 1 represented. In the figure, the cycle
average current, IAVG, is compared with the channel 1
sample, I1, to create an error signal IER.
The filtered error signal modifies the pulse width
commanded by VCOMP to correct any unbalance and force
IER toward zero. The same method for error signal
correction is applied to each active channel.
Current Sampling
In order to realize proper current-balance, the currents in
each channel must be sampled every switching cycle. This
sampling occurs during the forced off-time, following a PWM
transition low. During this time the current-sense amplifier
uses the ISEN inputs to reproduce a signal proportional to
the inductor current, IL. This sensed current, ISEN, is simply
a scaled version of the inductor current. The sample window
opens exactly 1/6 of the switching period, tSW, after the
PWM transitions low. The sample window then stays open
the rest of the switching cycle until PWM transitions high
again, as illustrated in Figure 4.
The sampled current, at the end of the tSAMPLE, is
proportional to the inductor current and is held until the next
switching period sample. The sampled current is used only
for channel-current balance.
The ISL6566A supports MOSFET rDS(ON) current sensing
to sample each channel’s current for channel-current
balance. The internal circuitry, shown in Figure 5 represents
channel n of an N-channel converter. This circuitry is
repeated for each channel in the converter, but may not be
active depending on the status of the PVCC3 and PVCC2
pins, as described in the PWM Operation section.
FIGURE 3. CHANNEL-1 PWM FUNCTION AND CURRENT-
BALANCE ADJUSTMENT
÷ N
IAVG
I3
I2
Σ
-
+
+
-
+
-
f(s)
PWM1
I1
VCOMP
SAWTOOTH SIGNAL
IER
NOTE: Channel 2 and 3 are optional.
FILTER
TO GATE
CONTROL
LOGIC
FIGURE 4. SAMPLE AND HOLD TIMING
TIME
PWM
IL
ISEN
SWITCHING PERIOD
SAMPLING PERIOD
OLD SAMPLE
CURRENT
NEW SAMPLE
CURRENT
ISL6566A
ISL6566A


Similar Part No. - ISL6566ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566ACRZ RENESAS-ISL6566ACRZ Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566ACRZA RENESAS-ISL6566ACRZA Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
More results

Similar Description - ISL6566ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566A RENESAS-ISL6566A Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com