Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6740A
Description  Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6740A Datasheet HTML 1Page - Intersil Corporation ISL6740A Datasheet HTML 2Page - Intersil Corporation ISL6740A Datasheet HTML 3Page - Intersil Corporation ISL6740A Datasheet HTML 4Page - Intersil Corporation ISL6740A Datasheet HTML 5Page - Intersil Corporation ISL6740A Datasheet HTML 6Page - Intersil Corporation ISL6740A Datasheet HTML 7Page - Intersil Corporation ISL6740A Datasheet HTML 8Page - Intersil Corporation ISL6740A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN9195.0
February 7, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUTA, OUTB, Signal Pins . . . . . . . . . . . . . . . . .GND - 0.3V to VREF
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .1500V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range
ISL6740AIVx. . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . 9VDC-16 VDC
Thermal Resistance Junction to Ambient (Typical)
θJA (°C/W)
16 Lead TSSOP (Note 1) . . . . . . . . . . . . . . . . . . .
102
Maximum Junction Temperature . . . . . . . . . . . . . . . . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(TSSOP- Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. 9V < VDD < 20 V, RTD = 51.1kΩ, RTC = 10kΩ, CT = 470pF, TA = -40°C to 105°C (Note 3), Typical
values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
Start-Up Current, IDD
VDD < START Threshold
-
95
140
µA
Operating Current, IDD
RLOAD, COUTA,B = 0
-
5.0
8.0
mA
COUTA,B = 1nF
-
7.0
12.0
mA
UVLO START Threshold
6.50
7.25
8.00
V
UVLO STOP Threshold
6.00
6.75
7.50
V
Hysteresis
0.35
0.50
0.75
V
REFERENCE VOLTAGE
Overall Accuracy
IVREF = 0, -20mA
4.900
5.000
5.050
V
Long Term Stability
TA = 125°C, 1000 hours (Note 4)
-
3
-
mV
Fault Voltage
4.10
4.55
4.75
V
VREF Good Voltage
4.25
4.75
VREF
-.05
V
Hysteresis
75
165
250
mV
Operational Current (source)
-20
-
-
mA
Operational Current (sink)
5-
-
mA
Current Limit
-25
-
-100
mA
CURRENT SENSE
Current Limit Threshold
VERROR = VREF
0.55
0.6
0.65
V
CS to OUT Delay
-35
50
ns
CS Sink Current
-10
-
mA
Input Bias Current
-1.00
-
1.00
µA
SCSET Input Impedance
1-
-
M
SC Setpoint Accuracy
-10
-
%
PULSE WIDTH MODULATOR
VERROR Input Impedance
400
-
-
k
ISL6740A


Similar Part No. - ISL6740A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
449Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 9, 2012
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
449Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 9, 2012
logo
Renesas Technology Corp
ISL6740AIVZA RENESAS-ISL6740AIVZA Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results

Similar Description - ISL6740A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
449Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 9, 2012
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Intersil Corporation
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com