Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6753 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6753
Description  ZVS Full-Bridge PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6753 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6753 Datasheet HTML 1Page - Intersil Corporation ISL6753 Datasheet HTML 2Page - Intersil Corporation ISL6753 Datasheet HTML 3Page - Intersil Corporation ISL6753 Datasheet HTML 4Page - Intersil Corporation ISL6753 Datasheet HTML 5Page - Intersil Corporation ISL6753 Datasheet HTML 6Page - Intersil Corporation ISL6753 Datasheet HTML 7Page - Intersil Corporation ISL6753 Datasheet HTML 8Page - Intersil Corporation ISL6753 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
ISL6753
ZVS Full-Bridge PWM Controller
The ISL6753 is a high-performance, low-pin-count
alternative zero-voltage switching (ZVS) full-bridge PWM
controller. Like the ISL6551, it achieves ZVS operation by
driving the upper bridge FETs at a fixed 50% duty cycle while
the lower bridge FETS are trailing-edge modulated with
adjustable resonant switching delays. Compared to the more
familiar phase-shifted control method, this algorithm offers
equivalent efficiency and improved overcurrent and light-
load performance with less complexity in a lower pin count
package.
This advanced BiCMOS design features low operating
current, adjustable oscillator frequency up to 2MHz,
adjustable soft-start, internal over temperature protection,
precision deadtime and resonant delay control, and short
propagation delays. Additionally, Multi-Pulse Suppression
ensures alternating output pulses at low duty cycles where
pulse skipping may occur.
Features
• Adjustable Resonant Delay for ZVS Operation
• Voltage- or Current-Mode Operation
• 3% Current Limit Threshold
175
µA Startup Current
• Supply UVLO
• Adjustable Deadtime Control
• Adjustable Soft-Start
• Adjustable Oscillator Frequency Up to 2MHz
• Tight Tolerance Error Amplifier Reference Over Line,
Load, and Temperature
• 5MHz GBWP Error Amplifier
• Adjustable Cycle-by-Cycle Peak Current Limit
• Fast Current Sense to Output Delay
• 70ns Leading Edge Blanking
• Multi-Pulse Suppression
• Buffered Oscillator Sawtooth Output
• Internal Over Temperature Protection
• Pb-free and ELV, WEEE, RoHS Compliant
Applications
• ZVS Full-Bridge Converters
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
Ordering Information
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL6753AAZA
(See Note)
-40 to 105
16 Ld QSOP
(Pb-free)
M16.15A
Add -T suffix to part number for tape and reel packaging
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL6753 (QSOP)
TOP VIEW
RTD
SS
CT
OUTUR
OUTUL
CTBUF
OUTLR
RESDEL
RAMP
OUTLL
FB
VDD
VERR
VREF
CS
GND
1
2
4
3
5
6
7
89
10
11
12
13
14
15
16
Data Sheet
March 10, 2005
FN9182.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
More results

Similar Description - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com