Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90461UIH627-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL90461UIH627-TK
Description  Single Volatile 32-Tap XDCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90461UIH627-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL90461UIH627-TK Datasheet HTML 1Page - Intersil Corporation ISL90461UIH627-TK Datasheet HTML 2Page - Intersil Corporation ISL90461UIH627-TK Datasheet HTML 3Page - Intersil Corporation ISL90461UIH627-TK Datasheet HTML 4Page - Intersil Corporation ISL90461UIH627-TK Datasheet HTML 5Page - Intersil Corporation ISL90461UIH627-TK Datasheet HTML 6Page - Intersil Corporation ISL90461UIH627-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN8229.3
October 14, 2005
Pin Descriptions
RH and RL
The ISL90461 contains a digital potentiometer configured as
a variable resistor. The wiper of the potentiometer is tied to
one end of the potentiometer at terminal RH, and the RL pin
is the other terminal of the potentiometer. The resistance
from the RH pin to the RL pin will vary with the potentiometer
setting. At the highest setting the resistance will be
maximum (Rtot) and at the lowest setting it will be minimum.
As the wiper position is incremented, the wiper will move
from the Low terminal to the High terminal.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in volatile memory when CS
is returned HIGH. When CS is high, the device is placed in
low power standby mode.
Principles of Operation
There are two sections of the ISL90461: the input control,
counter and decode section; and the resistor array. The input
control section operates just like an up/down counter. The
output of this counter is decoded to turn on a single
electronic switch connecting a point on the resistor array to
the wiper output. The resistor array is comprised of 31
individual resistors connected in series. At either end of the
array and between each resistor is an electronic switch that
transfers the connection at that point to the wiper. The wiper
is connected to the RH terminal, forming a variable resistor
from RH to RL.
The direction of the wiper movement is defined when the
device is selected. If during CS transition from High to Low
the U/D input is LOW, the wiper will move down on each
rising edge of U/D toggling. Similarly, the wiper will move up
on each rising edge of U/D toggling if, during CS transition
from High to Low, the U/D input is High.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
If the wiper is moved several positions, multiple taps are
connected to the wiper for tSETTLE (U/D to RH change). The
2-terminal resistance value for the device can temporarily
change by a significant amount if the wiper is moved several
positions.
CS
U/D
RH - RL
tCU
tCI
tIL
tIH
tIC
tSETTLE
FIGURE 2. SERIAL INTERFACE TIMING DIAGRAM, DECREMENT
ISL90461


Similar Part No. - ISL90461UIH627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461UIH627-TK RENESAS-ISL90461UIH627-TK Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
More results

Similar Description - ISL90461UIH627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461 RENESAS-ISL90461 Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
ISL90460 RENESAS-ISL90460 Datasheet
424Kb / 8P
   Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90462 RENESAS-ISL90462 Datasheet
418Kb / 8P
   Single Volatile 32-tap XDCP Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com