Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90461TIE627-TK Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL90461TIE627-TK
Description  Single Volatile 32-Tap XDCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90461TIE627-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL90461TIE627-TK Datasheet HTML 1Page - Intersil Corporation ISL90461TIE627-TK Datasheet HTML 2Page - Intersil Corporation ISL90461TIE627-TK Datasheet HTML 3Page - Intersil Corporation ISL90461TIE627-TK Datasheet HTML 4Page - Intersil Corporation ISL90461TIE627-TK Datasheet HTML 5Page - Intersil Corporation ISL90461TIE627-TK Datasheet HTML 6Page - Intersil Corporation ISL90461TIE627-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN8229.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL90461
Digitally Controlled Potentiometer (XDCP™)
Single Volatile 32-Tap XDCP
The Intersil ISL90461 is a digitally controlled potentiometer
(XDCP). Configured as a variable resistor, the device
consists of a resistor array, wiper switches, a control section,
and volatile memory. The wiper position is controlled by a 2-
pin Up /Down interface.
The potentiometer is implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS and U/D inputs.
The device can be used in a wide variety of applications
including:
• LCD contrast control
• Parameter and bias adjustments
• Industrial and Automotive Control
• Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
• Laser Diode driver biasing
• Gain control and offset adjustment
Features
• Volatile solid-state potentiometer
• 2-pin UP/DN interface
• DCP terminal voltage, 2.7V to 5.5V
• Tempco 35 ppm/
°C typical
• 32 wiper tap points
• Low power CMOS
- Active current, 25µA max.
- Supply current 0.3µA
• Available RTOTAL values = 10kΩ, 50kΩ, 100kΩ
• Temperature Range
-40°C to +85°C
• Packages
- 6 Ld SC-70, SOT-23
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL90461
(SOT-23, SC-70)
TOP VIEW
VDD
GND
U/D
CS
RL
RH
Ordering Information
PART NUMBER
PART MARKING
RTOTAL (K)
TEMP RANGE (°C)
PACKAGE
PKG. DWG. #
ISL90461WIE627-TK
AJP
10
-40 to +85
6 Ld SC-70
P6.049
ISL90461WIE627Z-TK (See Note) DEE
-40 to +85
6 Ld SC-70 (Pb-free)
P6.049
ISL90461WIH627-TK
AJY
-40 to +85
6 Ld SOT-23
P6.064
ISL90461WIH627Z-TK (See Note) DEF
-40 to +85
6 Ld SOT-23 (Pb-free) P6.064
ISL90461UIE627-TK
AJR
50
-40 to +85
6 Ld SC-70
P6.049
ISL90461UIE627Z-TK (See Note) DEC
-40 to +85
6 Ld SC-70 (Pb-free)
P6.049
ISL90461UIH627-TK
AKA
-40 to +85
6 Ld SOT-23
P6.064
ISL90461UIH627Z-TK (See Note) DED
-40 to +85
6 Ld SOT-23 (Pb-free) P6.064
ISL90461TIE627-TK
AJQ
100
-40 to +85
6 Ld SC-70
P6.049
ISL90461TIE627Z-TK (See Note)
DEA
-40 to +85
6 Ld SC-70 (Pb-free)
P6.049
ISL90461TIH627-TK
AJZ
-40 to +85
6 Ld SOT-23
P6.064
ISL90461TIH627Z-TK (See Note) DEB
-40 to +85
6 Ld SOT-23 (Pb-free) P6.064
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are
RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020
Data Sheet
October 14, 2005


Similar Part No. - ISL90461TIE627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461TIE627-TK RENESAS-ISL90461TIE627-TK Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
More results

Similar Description - ISL90461TIE627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461 RENESAS-ISL90461 Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
ISL90460 RENESAS-ISL90460 Datasheet
424Kb / 8P
   Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90462 RENESAS-ISL90462 Datasheet
418Kb / 8P
   Single Volatile 32-tap XDCP Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com