Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95711 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL95711
Description  Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL95711 Datasheet HTML 1Page - Intersil Corporation ISL95711 Datasheet HTML 2Page - Intersil Corporation ISL95711 Datasheet HTML 3Page - Intersil Corporation ISL95711 Datasheet HTML 4Page - Intersil Corporation ISL95711 Datasheet HTML 5Page - Intersil Corporation ISL95711 Datasheet HTML 6Page - Intersil Corporation ISL95711 Datasheet HTML 7Page - Intersil Corporation ISL95711 Datasheet HTML 8Page - Intersil Corporation ISL95711 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN8241.2
August 15, 2005
Block Diagram
7-BIT
WIPER
REGISTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
128
DECODER
RESISTOR
ARRAY
RH
SDA
SCL
TRANSFER
GATES
RL
RW
CONTROL
AND
MEMORY
V-
RH
RW
RL
SIMPLE BLOCK DIAGRAM
DETAILED BLOCK DIAGRAM
0
1
2
124
125
126
127
VCC
(VOLATILE)
SLAVE
ADDRESS
DECODE
A1
A0
SDA
SCL
A1
A0
GND
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
SDA
Data I/O for I2C serial interface. It has an open drain output and may be wire or’d with other open drain
active low outputs.
2
V-
Negative supply voltage for the potentiometer wiper control.
3
GND
Ground.
4
A1
A1 and A0 are address select pins used to set the slave address for the I2C serial interface.
5
A0
A1 and A0 are address select pins used to set the slave address for the I2C serial interface.
6RH
A fixed terminal for one end of the potentiometer resistor.
7RW
The wiper terminal which is equivalent to the movable terminal of a potentiometer.
8RL
A fixed terminal for one end of the potentiometer resistor.
9VCC
Positive logic supply voltage
10
SCL
Clock input for the I2C serial interface.
ISL95711


Similar Part No. - ISL95711

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711UIU10Z INTERSIL-ISL95711UIU10Z Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL95711UIU10Z RENESAS-ISL95711UIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
More results

Similar Description - ISL95711

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
ON Semiconductor
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Intersil Corporation
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com