Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010D-12 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X28C010D-12
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010D-12 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X28C010D-12 Datasheet HTML 2Page - Intersil Corporation X28C010D-12 Datasheet HTML 3Page - Intersil Corporation X28C010D-12 Datasheet HTML 4Page - Intersil Corporation X28C010D-12 Datasheet HTML 5Page - Intersil Corporation X28C010D-12 Datasheet HTML 6Page - Intersil Corporation X28C010D-12 Datasheet HTML 7Page - Intersil Corporation X28C010D-12 Datasheet HTML 8Page - Intersil Corporation X28C010D-12 Datasheet HTML 9Page - Intersil Corporation X28C010D-12 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
FN8105.0
May 11, 2005
The Toggle Bit can eliminate the software housekeeping
chore of saving and fetching the last address and data
written to a device in order to implement DATA Polling. This
can be especially helpful in an array comprised of multiple
X28C010 memories that is frequently updated. Toggle Bit
Polling can also provide a method for status checking in
multiprocessor applications. The timing diagram in Figure 4
illustrates the sequence of events on the bus. The software
flow diagram in Figure 5 illustrates a method for polling the
Toggle Bit.
Hardware Data Protection
The X28C010 provides three hardware features that protect
nonvolatile data from inadvertent writes.
• Noise Protection—A WE pulse less than 10ns will not
initiate a write cycle.
• Default VCC Sense—All functions are inhibited when VCC
is
≤ 3.5V.
• Write inhibit—Holding either OE LOW, WE HIGH, or CE
HIGH will prevent an inadvertent write cycle during power-
up and power-down, maintaining data integrity.
Software Data Protection
The X28C010 offers a software controlled data protection
feature. The X28C010 is shipped from Intersil with the
software data protection NOT ENABLED: that is the device
will be in the standard operating mode. In this mode data
should be protected during power-up/-down operations
through the use of external circuits. The host would then
have open read and write access of the device once VCC
was stable.
The X28C010 can be automatically protected during power-
up and power-down without the need for external circuits by
employing the software data protection feature. The internal
software data protection circuit is enabled after the first write
operation utilizing the software algorithm. This circuit is
nonvolatile and will remain set for the life of the device
unless the reset command is issued.
Once the software protection is enabled, the X28C010 is
also protected from inadvertent and accidental writes in the
powered-up state. That is, the software algorithm must be
issued prior to writing additional data to the device.
Software Algorithm
Selecting the software data protection mode requires the
host system to precede data write operations by a series of
three write operations to three specific addresses. Refer to
Figures 6 and 7 for the sequence. The three byte sequence
opens the page write window enabling the host to write from
one to two hundred fifty-six bytes of data. Once the page
load cycle has been completed, the device will automatically
be returned to the data protected state.
Software Data Protection
Load Accum
From Addr N
Compare
Accum with
Addr N
Ready
No
Yes
Last Write
Compare
Ok?
FIGURE 5. TOGGLE BIT SOFTWARE FLOW
CE
WE
(VCC)
Write
Protected
VCC
0V
Data
Addr
AA
5555
55
2AAA
A0
5555
≤ tBLC MAX
Writes
Ok
Byte
or
Page
tWC
FIGURE 6. TIMING SEQUENCE—BYTE OR PAGE WRITE
X28C010


Similar Part No. - X28C010D-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010D-12 XICOR-X28C010D-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010D-12 INTERSIL-X28C010D-12 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010D-12 INTERSIL-X28C010D-12 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010D-12 RENESAS-X28C010D-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010D-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com