Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010KM-12 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X28C010KM-12
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010KM-12 Datasheet(HTML) 4 Page - Intersil Corporation

  X28C010KM-12 Datasheet HTML 1Page - Intersil Corporation X28C010KM-12 Datasheet HTML 2Page - Intersil Corporation X28C010KM-12 Datasheet HTML 3Page - Intersil Corporation X28C010KM-12 Datasheet HTML 4Page - Intersil Corporation X28C010KM-12 Datasheet HTML 5Page - Intersil Corporation X28C010KM-12 Datasheet HTML 6Page - Intersil Corporation X28C010KM-12 Datasheet HTML 7Page - Intersil Corporation X28C010KM-12 Datasheet HTML 8Page - Intersil Corporation X28C010KM-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
FN8105.0
May 11, 2005
Page Write Operation
The page write feature of the X28C010 allows the entire
memory to be written in 5 seconds. Page write allows two to
two hundred fifty-six bytes of data to be consecutively written
to the X28C010 prior to the commencement of the internal
programming cycle. The host can fetch data from another
device within the system during a page write operation
(change the source address), but the page address (A8
through A16) for each subsequent valid write cycle to the part
during this operation must be the same as the initial page
address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to two hundred fifty six bytes in the
same manner as the first byte was written. Each successive
byte load cycle, started by the WE HIGH to LOW transition,
must begin within 100µs of the falling edge of the preceding
WE. If a subsequent WE HIGH to LOW transition is not
detected within 100µs, the internal automatic programming
cycle will commence. There is no page write window
limitation. Effectively the page write window is infinitely wide,
so long as the host continues to access the device within the
byte load cycle time of 100µs.
Write Operation Status Bits
The X28C010 provides the user two write operation status
bits. These can be used to optimize a system write cycle
time. The status bits are mapped onto the I/O bus as shown
in Figure 1.
DATA Polling (I/O7)
The X28C010 features DATA Polling as a method to indicate
to the host system that the byte write or page write cycle has
completed. DATA Polling allows a simple bit test operation to
determine the status of the X28C010, eliminating additional
interrupt inputs or external hardware. During the internal
programming cycle, any attempt to read the last byte written
will produce the complement of that data on I/O7 (i.e., write
data = 0xxx xxxx, read data = 1xxx xxxx). Once the
programming cycle is complete, I/O7 will reflect true data.
Note: If the X28C010 is in the protected state, and an illegal
write operation is attempted, DATA Polling will not operate.
Toggle Bit (I/O6)
The X28C010 also provides another method for determining
when the internal write cycle is complete. During the internal
programming cycle, I/O6 will toggle from HIGH to LOW and
LOW to HIGH on subsequent attempts to read the device.
When the internal cycle is complete the toggling will cease
and the device will be accessible for additional read or write
operations.
DATA Polling I/O7
5
TB
DP
43
21
0
I/O
Reserved
Toggle Bit
DATA Polling
FIGURE 1. STATUS BIT ASSIGNMENT
CE
OE
WE
I/O7
X28C010
Last
Write
HIGH Z
VOL
VIH
A0-A14
An
An
An
An
An
An
VOH
An
Ready
FIGURE 2. DATA POLLING BUS SEQUENCE
X28C010


Similar Part No. - X28C010KM-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010KM-12 XICOR-X28C010KM-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010KM-12 INTERSIL-X28C010KM-12 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010KM-12 INTERSIL-X28C010KM-12 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010KM-12 RENESAS-X28C010KM-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010KM-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com