Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1226V8T1 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X1226V8T1
Description  Real Time Clock/Calendar with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1226V8T1 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X1226V8T1 Datasheet HTML 7Page - Intersil Corporation X1226V8T1 Datasheet HTML 8Page - Intersil Corporation X1226V8T1 Datasheet HTML 9Page - Intersil Corporation X1226V8T1 Datasheet HTML 10Page - Intersil Corporation X1226V8T1 Datasheet HTML 11Page - Intersil Corporation X1226V8T1 Datasheet HTML 12Page - Intersil Corporation X1226V8T1 Datasheet HTML 13Page - Intersil Corporation X1226V8T1 Datasheet HTML 14Page - Intersil Corporation X1226V8T1 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN8098.2
September 15, 2005
Figure 4. Valid Start and Stop Conditions
Figure 5. Acknowledge Response From Receiver
DEVICE ADDRESSING
Following a start condition, the master must output a
Slave Address Byte. The first four bits of the Slave
Address Byte specify access to either the EEPROM
array or to the CCR. Slave bits ‘1010’ access the
EEPROM array. Slave bits ‘1101’ access the CCR.
When shipped from the factory, EEPROM array is
UNDEFINED, and should be programmed by the cus-
tomer to a known state.
Bit 3 through Bit 1 of the slave byte specify the device
select bits. These are set to ‘111’.
The last bit of the Slave Address Byte defines the
operation to be performed. When this R/W bit is a one,
then a read operation is selected. A zero selects a
write operation. Refer to Figure 6.
After loading the entire Slave Address Byte from the
SDA bus, the X1226 compares the device identifier
and device select bits with ‘1010111’ or ‘1101111’.
Upon a correct compare, the device outputs an
acknowledge on the SDA line.
Following the Slave Byte is a two byte word address.
The word address is either supplied by the master
device or obtained from an internal counter. On power-
up the internal address counter is set to address 0h,
so a current address read of the EEPROM array starts
at address 0. When required, as part of a random
read, the master must supply the 2 Word Address
Bytes as shown in Figure 6.
In a random read operation, the slave byte in the
“dummy write” portion must match the slave byte in
the “read” section. That is if the random read is from
the array the slave byte must be 1010111x in both
instances. Similarly, for a random read of the
Clock/Control Registers, the slave byte must be
1101111x in both places.
SCL
SDA
Start
Stop
SCL from
Master
Data Output
from Transmitter
Data Output
from Receiver
8
1
9
Start
Acknowledge
X1226


Similar Part No. - X1226V8T1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1226V8 XICOR-X1226V8 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226V8 INTERSIL-X1226V8 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
X1226V8 RENESAS-X1226V8 Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226V8I XICOR-X1226V8I Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226V8I INTERSIL-X1226V8I Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - X1226V8T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com