Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512D-15 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X28C512D-15
Description  5V, Byte Alterable EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C512D-15 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X28C512D-15 Datasheet HTML 7Page - Intersil Corporation X28C512D-15 Datasheet HTML 8Page - Intersil Corporation X28C512D-15 Datasheet HTML 9Page - Intersil Corporation X28C512D-15 Datasheet HTML 10Page - Intersil Corporation X28C512D-15 Datasheet HTML 11Page - Intersil Corporation X28C512D-15 Datasheet HTML 12Page - Intersil Corporation X28C512D-15 Datasheet HTML 13Page - Intersil Corporation X28C512D-15 Datasheet HTML 14Page - Intersil Corporation X28C512D-15 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN8106.1
September 29, 2005
Active Supply Current vs Ambient Temperature
Standby Supply Current vs Ambient Temperature
ICC (RD) by Temperature Over Frequency
-55
-10
+125
10
11
12
13
14
Ambient Temperature (°C)
8
+35
+80
VCC = 5V
9
-55
-10
+125
0.14
0.16
0.18
0.2
0.24
Ambient Temperature (°C)
0.1
+35
+80
0.22
VCC = 5V
0.12
0
315
30
40
50
60
5.0 VCC
Frequency (MHz)
10
69
-55°C
+25°C
+125°C
12
20
70
X28C512, X28C513


Similar Part No. - X28C512D-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C512D-15 XICOR-X28C512D-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C512D-15 INTERSIL-X28C512D-15 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512D-15 RENESAS-X28C512D-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C512D-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com