Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010NM-15 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X28C010NM-15
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010NM-15 Datasheet(HTML) 1 Page - Intersil Corporation

  X28C010NM-15 Datasheet HTML 1Page - Intersil Corporation X28C010NM-15 Datasheet HTML 2Page - Intersil Corporation X28C010NM-15 Datasheet HTML 3Page - Intersil Corporation X28C010NM-15 Datasheet HTML 4Page - Intersil Corporation X28C010NM-15 Datasheet HTML 5Page - Intersil Corporation X28C010NM-15 Datasheet HTML 6Page - Intersil Corporation X28C010NM-15 Datasheet HTML 7Page - Intersil Corporation X28C010NM-15 Datasheet HTML 8Page - Intersil Corporation X28C010NM-15 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
®
FN8105.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X28C010
5 Volt, Byte Alterable EEPROM
The Intersil X28C010 is a 128K x 8 EEPROM, fabricated
with Intersil's proprietary, high performance, floating gate
CMOS technology. Like all Intersil programmable non-
volatile memories, the X28C010 is a 5V only device. The
X28C010 features the JEDEC approved pin out for byte-
wide memories, compatible with industry standard
EEPROMs.
The X28C010 supports a 256-byte page write operation,
effectively providing a 19µs/byte write cycle and enabling the
entire memory to be typically written in less than 2.5
seconds. The X28C010 also features DATA Polling and
Toggle Bit Polling, system software support schemes used to
indicate the early completion of a write cycle. In addition, the
X28C010 supports Software Data Protection option.
Intersil EEPROMs are designed and tested for applications
requiring extended endurance. Data retention is specified to
be greater than 100 years.
Features
• Access time: 120ns
• Simple byte and page write
- Single 5V supply
- No external high voltages or VPP control
circuits
- Self-timed
• No erase before write
• No complex programming algorithms
• No overerase problem
• Low power CMOS
- Active: 50mA
- Standby: 500µA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Writecell
- Endurance: 100,000 write cycles
- Data retention: 100 years
• Early end of write detection
-DATA polling
- Toggle bit polling
Pinouts
232
43
31
NC
A16
A
15
A12
A
7
A
6
A5
A
4
A3
A
2
A
1
A0
I/O
0
I/O1
I/O2
V
SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A
8
A9
A
11
OE
A10
CE
I/O7
I/O
6
I/O5
I/O4
I/O
3
X28C010
CERDIP
Flat Pack
SOIC (R)
PGA
X28C010
(Bottom View)
14
A0
16
I/O1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O2
19
I/O3
5
A15
2
NC
36
VCC
20
I/O4
21
I/O5
34
NC
23
I/O7
25
A10
27
A11
29
A8
22
I/O6
32
NC
24
CE
26
OE
28
A 9
30
A 13
13
A1
12
A2
10
A4
8
A6
4
A
16
3
NC
1
NC
35
WE
33
NC
31
A 14
6
A12
X28C010
(Top View)
A6
A5
A4
A3
A2
A1
A0
I/O0
A13
A8
A9
A11
A10
I/O7
A14
6
1
5
8
7
9
10
11
12
13
15
17
16
18 19 20
22
23
24
25
26
27
28
29
OE
CE
A7
14
21
30
X28C010
(Top View)
A6
A5
A4
A3
A2
A1
A0
I/O 0
A13
A8
A9
A11
A10
I/O7
A14
OE
CE
A7
30
PLCC
LCC
EXTENDED LCC
22
23
24
25
26
27
28
29
21
6
5
8
7
9
10
11
12
13
232
43
31
1
15
17
16
18 19 20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
X28C010
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
NC
NC
VSS
NC
NC
I/O2
I/O1
I/O0
A0
A1
A2
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
A11
A9
A8
A13
A14
NC
NC
NC
WE
VCC
NC
NC
NC
A16
A15
A12
A7
A6
A5
TSOP
14
20
A3
21
A4
Data Sheet
May 11, 2005


Similar Part No. - X28C010NM-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010NM-15 XICOR-X28C010NM-15 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010NM-15 INTERSIL-X28C010NM-15 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010NM-15 INTERSIL-X28C010NM-15 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010NM-15 RENESAS-X28C010NM-15 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010NM-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com