Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010NMB-15C7309 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28C010NMB-15C7309
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010NMB-15C7309 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28C010NMB-15C7309 Datasheet HTML 6Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 7Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 8Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 9Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 10Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 11Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 12Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 13Page - Intersil Corporation X28C010NMB-15C7309 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
FN8105.0
May 11, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias
X28C010 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28C010I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28C010M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any pin with respect to VSS. . . . . . . . . . . . . . -1V to +7V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature
(soldering, 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C tp +85°C
Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions (above those indicated in the operational sections of this specification) is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DC Electrical Specifications
Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC
VCC Current (Active) (TTL Inputs)
CE = OE = VIL, WE = VIH, All I/O’s = Open,
Address Inputs = 0.4V/2.4V Levels @ f = 5MHz
50
mA
ISB1
VCC Current (Standby) (TTL Inputs) CE = VIH, OE = VIL, All I/O’s = Open, Other Inputs = VIH
3mA
ISB2
VCC Current (Standby) (CMOS
Inputs)
CE = VCC - 0.3V, OE = VIL, All I/O’s = Open,
Other Inputs = VCC
500
µA
ILI
Input Leakage Current
VIN = VSS to VCC
10
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, CE = VIH
10
µA
VlL (Note 1) Input LOW Voltage
-1
0.8
V
VIH (Note 1) Input HIGH Voltage
2VCC + 1
V
VOL
Output LOW Voltage
IOL = 2.1mA
0.4
V
VOH
Output HIGH Voltage
IOH = -400µA
2.4
V
NOTE:
1. VIL min. and VIH max. are for reference only and are not tested.
Power-Up Timing
SYMBOL
PARAMETER
MAX
UNIT
tPUR (Note 2)
Power-up to Read operation
100
µs
tPUW (Note 2)
Power-up to Write operation
5
ms
Capacitance
TA = +25°C, f = 1MHz, VCC = 5V
SYMBOL
PARAMETER
TEST CONDITIONS
MAX
UNIT
CI/O (Note 2)
Input/Output capacitance
VI/O = 0V
10
pF
CIN (Note 2)
Input capacitance
VIN = 0V
10
pF
NOTE:
2. This parameter is periodically sampled and not 100% tested.
Endurance and Data Retention
PARAMETER
MIN
MAX
UNIT
Endurance
10,000
Cycles per byte
Endurance
100,000
Cycles per page
Data Retention
100
Years
X28C010


Similar Part No. - X28C010NMB-15C7309

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010NMB-15 XICOR-X28C010NMB-15 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010NMB-15 INTERSIL-X28C010NMB-15 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010NMB-15 INTERSIL-X28C010NMB-15 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010NMB-15 RENESAS-X28C010NMB-15 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010NMB-15C7309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com