Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512P-15 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X28C512P-15
Description  5V, Byte Alterable EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C512P-15 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X28C512P-15 Datasheet HTML 2Page - Intersil Corporation X28C512P-15 Datasheet HTML 3Page - Intersil Corporation X28C512P-15 Datasheet HTML 4Page - Intersil Corporation X28C512P-15 Datasheet HTML 5Page - Intersil Corporation X28C512P-15 Datasheet HTML 6Page - Intersil Corporation X28C512P-15 Datasheet HTML 7Page - Intersil Corporation X28C512P-15 Datasheet HTML 8Page - Intersil Corporation X28C512P-15 Datasheet HTML 9Page - Intersil Corporation X28C512P-15 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
FN8106.1
September 29, 2005
Device Operation
Read
Read operations are initiated by both OE and CE LOW. The
read operation is terminated by either CE or OE returning
HIGH. This two line control architecture eliminates bus
contention in a system environment. The data bus will be in
a high impedance state when either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The X28C512, X28C513 support
both a CE and WE controlled write cycle. That is, the
address is latched by the falling edge of either CE or WE,
whichever occurs last. Similarly, the data is latched internally
by the rising edge of either CE or WE, whichever occurs first.
A byte write operation, once initiated, will automatically
continue to completion, typically within 5ms.
Page Write Operation
The page write feature of the X28C512, X28C513 allow the
entire memory to be written in 2.5 seconds. Page write
allows two to one hundred twenty-eight bytes of data to be
consecutively written to the X28C512, X28C513, prior to the
commencement of the internal programming cycle. The host
can fetch data from another device within the system during
a page write operation (change the source address), but the
page address (A7 through A15) for each subsequent valid
write cycle to the part during this operation must be the same
as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to one hundred twenty-seven bytes in
the same manner as the first byte was written. Each
successive byte load cycle, started by the WE HIGH to LOW
transition, must begin within 100µs of the falling edge of the
preceding WE. If a subsequent WE HIGH to LOW transition
is not detected within 100µs, the internal automatic
programming cycle will commence. There is no page write
window limitation. Effectively, the page write window is
infinitely wide, so long as the host continues to access the
device within the byte load cycle time of 100µs.
Write Operation Status Bits
The X28C512, X28C513 provide the user two write
operation status bits. These can be used to optimize a
system write cycle time. The status bits are mapped onto the
I/O bus as shown in Figure 1.
DATA Polling (I/O7)
The X28C512, X28C513 feature DATA polling as a method
to indicate to the host system that the byte write or page
write cycle has completed. DATA Polling allows a simple bit
test operation to determine the status of the X28C512,
X28C513, eliminating additional interrupt inputs or external
hardware. During the internal programming cycle, any
attempt to read the last byte written will produce the
complement of that data on I/O7 (i.e. write data = 0xxx xxxx,
read data = 1xxx xxxx). Once the programming cycle is
complete, I/O7 will reflect true data.
Toggle Bit (I/O6)
The X28C512, X28C513 also provide another method for
determining when the internal write cycle is complete. During
the internal programming cycle, I/O6 will toggle from HIGH to
LOW and LOW to HIGH on subsequent attempts to read the
device. When the internal cycle is complete, the toggling will
cease, and the device will be accessible for additional read
or write operations.
5
TB
DP
43
21
0
I/O
Reserved
Toggle Bit
DATA Polling
FIGURE 1. STATUS BIT ASSIGNMENT
X28C512, X28C513


Similar Part No. - X28C512P-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C512P-15 XICOR-X28C512P-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28C512P-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com