Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003S8I Datasheet(PDF) 8 Page - Intersil Corporation

Part # X4003S8I
Description  CPU Supervisor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003S8I Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X4003S8I Datasheet HTML 4Page - Intersil Corporation X4003S8I Datasheet HTML 5Page - Intersil Corporation X4003S8I Datasheet HTML 6Page - Intersil Corporation X4003S8I Datasheet HTML 7Page - Intersil Corporation X4003S8I Datasheet HTML 8Page - Intersil Corporation X4003S8I Datasheet HTML 9Page - Intersil Corporation X4003S8I Datasheet HTML 10Page - Intersil Corporation X4003S8I Datasheet HTML 11Page - Intersil Corporation X4003S8I Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN8113.0
March 15, 2005
Figure 7. Acknowledge Response From Receiver
SERIAL WRITE OPERATIONS
Slave Address Byte
Following a start condition, the master must output a
slave address byte. This byte consists of several parts:
– a device type identifier that is always ‘1011’.
– two bits of ‘0’.
– one bit of the slave command byte is a R/W bit. The
R/W bit of the slave address byte defines the opera-
tion to be performed. When the R/W bit is a one,
then a read operation is selected. A zero selects a
write operation. Refer to Figure 8.
– After loading the entire slave address byte from the
SDA bus, the device compares the input slave byte
data to the proper slave byte. Upon a correct com-
pare, the device outputs an acknowledge on the
SDA line.
Write Control Register
To write to the control register, the device requires the
slave address byte and a byte address. This gives the
master access to register. After receipt of the address
byte, the device responds with an acknowledge, and
awaits the data. After receiving the 8 bits of the data byte,
the device again responds with an acknowledge. The
master then terminates the transfer by generating a stop
condition, at which time the device begins the internal
write cycle to the nonvolatile memory. During this internal
write cycle, the device inputs are disabled, so the device
will not respond to any requests from the master. If WP is
HIGH, the control register cannot be changed. A write to
the control register will suppress the acknowledge bit and
no data in the control register will change. With WP low,
a second byte written to the control register terminates
the operation and no write occurs.
Stops and Write Modes
Stop conditions that terminate write operations must
be sent by the master after sending 1 full data byte
plus the subsequent ACK signal. If a stop is issued in
the middle of a data byte, or before 1 full data byte
plus its associated ACK is sent, then the device will
reset itself without performing the write.
Figure 8. Write Control Register Sequence
Data Output
from
Data Output
from Receiver
8
1
9
Start
Acknowledge
SCL from
Master
0
Slave
Address
Byte
Address
Data
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
0
0
1
1
0
11
1
1
1
1
1
1
1
X4003, X4005


Similar Part No. - X4003S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4003S8I XICOR-X4003S8I Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4003S8I INTERSIL-X4003S8I Datasheet
276Kb / 18P
   CPU Supervisor
X4003S8I INTERSIL-X4003S8I Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003S8I RENESAS-X4003S8I Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003S8I INTERSIL-X4003S8I Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
More results

Similar Description - X4003S8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com