Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C513JM-15 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X28C513JM-15
Description  5V, Byte Alterable EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C513JM-15 Datasheet(HTML) 5 Page - Intersil Corporation

  X28C513JM-15 Datasheet HTML 1Page - Intersil Corporation X28C513JM-15 Datasheet HTML 2Page - Intersil Corporation X28C513JM-15 Datasheet HTML 3Page - Intersil Corporation X28C513JM-15 Datasheet HTML 4Page - Intersil Corporation X28C513JM-15 Datasheet HTML 5Page - Intersil Corporation X28C513JM-15 Datasheet HTML 6Page - Intersil Corporation X28C513JM-15 Datasheet HTML 7Page - Intersil Corporation X28C513JM-15 Datasheet HTML 8Page - Intersil Corporation X28C513JM-15 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
FN8106.1
September 29, 2005
Pinouts
Pin Descriptions
Addresses (A0-A15)
The Address inputs select an 8-bit memory location during a
read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/write
operations. When CE is HIGH, power consumption is
reduced.
Output Enable (OE)
The Output Enable input controls the data output buffers and
is used to initiate read operations.
Data In/Data Out (I/O0-I/O7)
Data is written to or read from the X28C512, X28C513
through the I/O pins.
Write Enable (WE)
The Write Enable input controls the writing of data to the
X28C512, X28C513.
NC
NC
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O5
I/O4
I/O3
I/O2
I/O1
X28C512
Plastic DIP
CERDIP
FLAT Pack
SOIC (R)
Bottom
14
A0
16
I/O 1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O 2
19
I/O 3
5
A15
2
NC
36
VCC
20
I/O 4
21
I/O 5
34
NC
23
I/O 7
25
A10
27
A11
29
A8
22
I/O 6
32
NC
24
CE
26
OE
28
A9
30
A13
13
A1
12
A2
10
A4
8
A6
4
NC
3
NC
1
NC
35
WE
33
NC
31
A14
6
A12
PGA
X28C512
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A13
A8
A9
A11
OE
A10
CE
I/O7
A14
2
32
6
1
5 4 3
8
7
9
10
11
12
13 15
17
16
18 19 20
22
23
24
25
26
27
28
29
31
14
21
30
PLCC/LCC
X28C513
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A9
A11
NC
OE
A10
CE
I/O6
A8
2
32
6
1
5 4 3
8
7
9
10
11
12
13 15
17
16
18 19 20
22
23
24
25
26
27
28
29
31
14
21
30
I/O7
View
(Top View)
(Top View)
Pin Names
SYMBOL
DESCRIPTION
A0-A15
Address Inputs
I/O0-I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
X28C512, X28C513


Similar Part No. - X28C513JM-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C513JM-15 XICOR-X28C513JM-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C513JM-15 INTERSIL-X28C513JM-15 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C513JM-15 RENESAS-X28C513JM-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C513JM-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com