Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4005S8-4.5A Datasheet(PDF) 11 Page - Intersil Corporation

Part # X4005S8-4.5A
Description  CPU Supervisor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4005S8-4.5A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X4005S8-4.5A Datasheet HTML 7Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 8Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 9Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 10Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 11Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 12Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 13Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 14Page - Intersil Corporation X4005S8-4.5A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN8113.0
March 15, 2005
CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5V)
Note:
(4) This parameter is periodically sampled and not 100% tested.
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
A.C. CHARACTERISTICS (Continued)(Over recommended operating conditions, unless otherwise specified)
Notes: (5) Typical values are for TA = 25°C and VCC = 5.0V
(6) Cb = total capacitance of one bus line in pF.
Symbol
Parameter
Max.
Unit
Test Conditions
COUT(4)
Output capacitance (SDA, RESET/RESET)
8
pF
VOUT = 0V
CIN(4)
Input capacitance (SCL, WP)
6
pF
VIN = 0V
5V
4.6k
RESET
100pF
SDA
1533
100pF
5V
For VOL = 0.4V
and IOL = 3 mA
RESET
Input pulse levels
0.1VCC to 0.9VCC
Input rise and fall times
10ns
Input and output timing levels
0.5VCC
Output load
Standard output load
Symbol
Parameter
100kHz
400kHz
Unit
Min.
Max.
Min.
Max.
fSCL
SCL clock frequency
0
100
0
400
kHz
tIN
Pulse width suppression time at inputs
n/a
n/a
50
ns
tAA
SCL LOW to SDA data out valid
0.1
0.9
0.1
0.9
µs
tBUF
Time the bus free before start of new transmission
4.7
1.3
µs
tLOW
Clock LOW time
4.7
1.3
µs
tHIGH
Clock HIGH time
4.0
0.6
µs
tSU:STA
Start condition setup time
4.7
0.6
µs
tHD:STA
Start condition hold time
4.0
0.6
µs
tSU:DAT
Data in setup time
250
100
ns
tHD:DAT
Data in hold time
5.0
0
µs
tSU:STO
Stop condition setup time
0.6
0.6
µs
tDH
Data output hold time
50
50
ns
tR
SDA and SCL rise time
1000
20 +.1Cb(6)
300
ns
tF
SDA and SCL fall time
300
20 +.1Cb(6)
300
ns
tSU:WP
WP setup time
0.4
0.6
µs
tHD:WP
WP hold time
0
0
µs
Cb
Capacitive load for each bus line
400
400
pF
X4003, X4005


Similar Part No. - X4005S8-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4005S8-4.5A XICOR-X4005S8-4.5A Datasheet
378Kb / 18P
   CPU Supervisor
More results

Similar Description - X4005S8-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com