Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4285V8I-4.5A Datasheet(PDF) 2 Page - Intersil Corporation

Part # X4285V8I-4.5A
Description  CPU Supervisor with 128K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4285V8I-4.5A Datasheet(HTML) 2 Page - Intersil Corporation

  X4285V8I-4.5A Datasheet HTML 1Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 2Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 3Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 4Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 5Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 6Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 7Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 8Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8121.0
March 29, 2005
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s Block Lock protection.
The array is internally organized as 64 bytes per page.
The device features an 2-wire interface and software
protocol allowing operation on an 2-wire bus.
PIN CONFIGURATION
PIN DESCRIPTION
S1
VSS
VCC
SDA
SCL
3
2
4
1
6
7
5
8
S0
WP
RST/RST
VCC
S1
SCL
RST/RST
VSS
3
2
4
1
6
7
5
8
WP
SDA
S0
8-Pin JEDEC SOIC
8-Pin TSSOP
Pin
(SOIC)
Pin
(TSSOP)
Name
Function
13
S0
Device Select Input
24
S1
Device Select Input
35
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which
goes active whenever VCC falls below the minimum VCC sense level. It will remain ac-
tive until VCC rises above the minimum VCC sense level for 250ms. RESET/RESET
goes active if the Watchdog Timer is enabled and SDA remains either HIGH or LOW
longer than the selectable Watchdog time out period. A falling edge on SDA, while
SCL is HIGH, resets the Watchdog Timer. RESET/RESET goes active on power-up
and remains active for 250ms after the power supply stabilizes.
46
VSS
Ground
57
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain or
open collector outputs. This pin requires a pull up resistor and the input buffer is al-
ways active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is HIGH) restarts
the Watchdog timer. The absence of a HIGH to LOW transition within the watchdog
time out period results in RESET/RESET going active.
68
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
71
WP
Write Protect. WP HIGH used in conjunction with WPEN bit prevents writes to the
control register.
82
VCC
Supply Voltage
X4283, X4285


Similar Part No. - X4285V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4285V8I-4.5A XICOR-X4285V8I-4.5A Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
More results

Similar Description - X4285V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com