Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1244GC Datasheet(PDF) 1 Page - Adels-Contact

Part # 1244GC
Description  500 LRZ/12 GW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

1244GC Datasheet(HTML) 1 Page - Adels-Contact

  1244GC Datasheet HTML 1Page - Adels-Contact 1244GC Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/02/2020
Screw Connectors
500 LRZ/12 GW
Terminal Block, 12 pole, Insulating Material: PA 6-GW, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Fixing: Catch Pin, Voltage
Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
1244GC
Applications
Lighting, Installation, Electrical Appliances
PU
0
Type
Type
Terminal Block
Number of poles
12 pole
Clamping Units per Pole
1
Colour
white
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6-GW
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
6.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Catch Pin
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 1244GC

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1244G1 ADELS-1244G1 Datasheet
117Kb / 2P
   500 LRZ/ 1 GW
1244G2 ADELS-1244G2 Datasheet
117Kb / 2P
   500 LRZ/ 2 GW
1244G3 ADELS-1244G3 Datasheet
118Kb / 2P
   500 LRZ/ 3 GW
1244G4 ADELS-1244G4 Datasheet
119Kb / 2P
   500 LRZ/ 4 GW
1244G5 ADELS-1244G5 Datasheet
119Kb / 2P
   500 LRZ/ 5 GW
More results

Similar Description - 1244GC

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1245GC ADELS-1245GC Datasheet
122Kb / 2P
   500 LRZ/12 DS GW
1245GCM ADELS-1245GCM Datasheet
122Kb / 2P
   500 LRZ/12 MDS GW
1244G3 ADELS-1244G3 Datasheet
118Kb / 2P
   500 LRZ/ 3 GW
1244G5 ADELS-1244G5 Datasheet
119Kb / 2P
   500 LRZ/ 5 GW
1244G9 ADELS-1244G9 Datasheet
122Kb / 2P
   500 LRZ/ 9 GW
1244GA ADELS-1244GA Datasheet
123Kb / 2P
   500 LRZ/10 GW
1244G7 ADELS-1244G7 Datasheet
120Kb / 2P
   500 LRZ/ 7 GW
1244G8 ADELS-1244G8 Datasheet
121Kb / 2P
   500 LRZ/ 8 GW
1244G2 ADELS-1244G2 Datasheet
117Kb / 2P
   500 LRZ/ 2 GW
1244G6 ADELS-1244G6 Datasheet
120Kb / 2P
   500 LRZ/ 6 GW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com