Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

F12C20A Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

Part No. F12C20A
Description  12.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Homepage  http://www.thinkisemi.com
Logo 

F12C20A Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
Features
TO-220AB(TO-220-3L)
Unit:inch(mm)
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Application
Automotive Inverters and Solar Inverters
Car Audio Amplifiers and Sound Device Systems
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
Case: Heatsink TO-220AB
Epoxy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-202 method 208
Polarity: As marked on diode body
Mounting position: Any
Weight: 2.0 gram approximately
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
F12C20C
F12C20A
F12C20D
F12C20S
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
IFSM
A
VF
0.98
1.3
1.7
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
°C/W
TJ,TSTG
°C
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
1.5
Operating Junction and Storage
Temperature Range
-55 to +150
Maximum Reverse Recovery Time (Note1)
35
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current Tc=100°C
(Total Device 2x6.0A=12.0A)
12.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
100
Maximum Instantaneous Forward Voltage
@6.0A
(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25°C
At Rated DC Blocking Voltage @TJ=125°C
5.0
100
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"
Suffix "C"
F12C20A thru F12C60A
Pb Free Plating Product
F12C20A/F12C40A/F12C60A
Pb
12.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.08T
F12C40C
F12C40A
F12C40D
F12C40S
F12C60C
F12C60A
F12C60D
F12C60S


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn