Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195D Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 7Page - STMicroelectronics ST92195D Datasheet HTML 8Page - STMicroelectronics ST92195D Datasheet HTML 9Page - STMicroelectronics ST92195D Datasheet HTML 10Page - STMicroelectronics ST92195D Datasheet HTML 11Page - STMicroelectronics ST92195D Datasheet HTML 12Page - STMicroelectronics ST92195D Datasheet HTML 13Page - STMicroelectronics ST92195D Datasheet HTML 14Page - STMicroelectronics ST92195D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 249 page
background image
11/249
ST92195C/D - GENERAL DESCRIPTION
1.2 PIN DESCRIPTION
Figure 2. 64-Pin Package Pin-Out
N.C. = Not connected
GND
AIN4/P0.2
P0.1
P0.0
CSO/RESET0/P3.7
P3.6
P3.5
P3.4
B
G
R
FB
SDA1/SDO/SDI/P5.1
SCL1/INT2/SCK/P5.0
VDD
JTDO
VSS
P4.7/PWM7/EXTRG/STOUT0
P4.6/PWM6
P4.5/PWM5/SDA2
P4.4/PWM4/SCL2
P4.3/PWM3/TSLU/HT
P4.2/PWM2
P4.1/PWM1
P4.0/PWM0
VSYNC
HSYNC/CSYNC
AVDD1
PXFM
JTRST0
GND
N.C.
1
64
16
32
48
16


Similar Part No. - ST92195D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92195 STMICROELECTRONICS-ST92195 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1 STMICROELECTRONICS-ST92195B1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1B1 STMICROELECTRONICS-ST92195B1B1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1T1 STMICROELECTRONICS-ST92195B1T1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
More results

Similar Description - ST92195D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
   16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
STMicroelectronics
ST92196A STMICROELECTRONICS-ST92196A Datasheet
2Mb / 268P
   8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
logo
STMicroelectronics
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
   16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com