Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U60D20C Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # U60D20C
Description  60.0 Amperes Dual Common Cathode Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U60D20C Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U60D20C_V01 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U60D20C_V01 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. U60D20C_V01 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
200
600
1000
0
400
800
0
10
20
30
40
50
60
70
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
40
80
120
160
0.4
0.6
0.8
1.0
1.2
1.4
1.6
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
0
1
2
3
4
5
6
0.0
0.3
0.6
0.9
1.2
1.5
1.8
V
FR
di
F/dt
V
200
600
1000
0
400
800
5
15
25
0
10
20
30
10
100
1000
0.0
0.2
0.4
0.6
0.8
0.0
0.4
0.8
1.2
0
20
40
60
80
100
120
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/us
A
V
uC
t
rr
ns
t
fr
Z
thJC
A/us
us
A/us
A/us
T
VJ= 100°C
V
R = 100V
T
VJ= 100°C
I
F
= 30A
Fig. 3 Typ. peak reverse current I
RM
versus -di
F/dt
Fig. 2 Typ. reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
T
VJ=100°C
T
VJ= 25°C
T
VJ= 100°C
V
R = 100V
T
VJ= 100°C
V
R = 100V
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Typ. recovery time t
rr
versus -di
F/dt
Fig. 6 Typ. peak forward voltage
V
FR and tfr versus diF/dt
t
fr
V
FR
Fig. 7 Transient thermal impedance junction to case
T
VJ=150°C
I
F= 15A
I
F= 30A
I
F= 70A
I
F= 15A
I
F= 30A
I
F= 70A
I
F= 15A
I
F= 30A
I
F= 70A
Ultra Fast Recovery Rectifier Diodes(U60D20C/U60D40C/U60D60C)
U60D20C thru U60D60C
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/3
Rev.10T


Similar Part No. - U60D20C_V01

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U60D20C THINKISEMI-U60D20C Datasheet
214Kb / 2P
   60 Amperes Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - U60D20C_V01

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U60D20A THINKISEMI-U60D20A_V01 Datasheet
448Kb / 3P
   60.0 Amperes Dual Common Anode Ultra Fast Recovery Rectifiers
MUR6020PT THINKISEMI-MUR6020PT_V01 Datasheet
279Kb / 2P
   60.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
2CR30K20 THINKISEMI-2CR30K20 Datasheet
269Kb / 2P
   60.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
2CR60K20 THINKISEMI-2CR60K20 Datasheet
266Kb / 2P
   60.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
FMG61S THINKISEMI-FMG61S Datasheet
281Kb / 2P
   60.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.13T
U60D20C THINKISEMI-U60D20C Datasheet
214Kb / 2P
   60 Amperes Dual Common Cathode Ultra Fast Recovery Rectifiers
UGF1004G THINKISEMI-UGF1004G Datasheet
1Mb / 2P
   10.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR1220CTF THINKISEMI-MUR1220CTF Datasheet
792Kb / 2P
   12.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
UGF10L08G THINKISEMI-UGF10L08G Datasheet
1Mb / 2P
   10.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR1020CTF THINKISEMI-MUR1020CTF Datasheet
792Kb / 2P
   10.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com