Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A19A-W2SS1612-C8 Datasheet(HTML) 8 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part No. A19A-W2SS1612-C8
Description  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Homepage  http://www.refond.com/
Logo 

A19A-W2SS1612-C8 Datasheet(HTML) 8 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:8
TG-201712120857EP
Table 1-4
2700k
0.4578
0.4101
57.28
3-step
a
b
2S-3
0.007733
0.004011
5-step
a
b
2S-5
0.012889
0.006685
3000k
0.4338
0.4030
53.16
3-step
a
b
3S-3
0.008346
0.004098
5-step
a
b
3S-5
0.01391
0.006831
4000k
0.3818
0.3797
54
3-step
a
b
4S-3
0.009386
0.004035
5-step
a
b
4S-5
0.015644
0.006725
5000k
0.3447
0.3553
59.62
3-step
a
b
5S-3
0.0082
0.0036
5-step
a
b
5S-5
0.01365
0.006
5700k
0.3287
0.3417
59.09
3-step
a
b
6K-3
0.00746
0.0032
5-step
a
b
6K-5
0.01243
0.00533
6500k
0.3123
0.3282
58.38
3-step
a
b
7S-3
0.006617
0.002855
5-step
a
b
7S-5
0.011029
0.004758


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn