Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A19A-W2SS1612-C8 Datasheet(HTML) 10 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part No. A19A-W2SS1612-C8
Description  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Homepage  http://www.refond.com/
Logo 

A19A-W2SS1612-C8 Datasheet(HTML) 10 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:10
TG-201712120857EP
Fig 1-7 Case Temperature Vs. Relative Intensity Tc
Fig 1-8 Case Temperature Vs. Forward Current. Tc
0.4
0.6
0.8
1
1.2
20
40
60
80
100
Tc(℃)
0
300
600
900
1200
20
40
60
80
100
Tc(℃)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn