Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A19A-W2SS1612-C8 Datasheet(HTML) 21 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part No. A19A-W2SS1612-C8
Description  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Homepage  http://www.refond.com/
Logo 

A19A-W2SS1612-C8 Datasheet(HTML) 21 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:21
TG-201712120857EP
(6) Thermal Design is paramount importance because heat generation may result in the
Characteristics decline, such as brightness decreased, Color change and so on. Please consider
the heat generation of the LEDs when making the system design.LED
(7) Compared to standard encapsulants, silicone is generally softer, and the surface is more likely
to attract dust,requiring special care during processing. In cases where a minimal level of dirt
and dust particles cannot be guaranteed, a suitable cleaning solution must be applied to the
surface after the soldering of components. Refond suggests using isopropyl alcohol for cleaning.
In case other solvents are used, it must be assured that these solvents do not dissolve the
package or resin. Ultrasonic cleaning is not recommended. Ultrasonic cleaning may cause
damage to the LED.
(8) To avoid the moisture penetration, we recommend store in a dry box with a desiccant. The
recommended storage temperature range is 5
℃ to 30℃ and a maximum humidity of RH50%
(9)Similar to most Solid state devices; LEDs are sensitive to Electro-Static Discharge (ESD) and
Electrical Over Stress (EOS).
(10) Other points for attention, please refer to our relevant information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn