Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2902 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2902
Description  Rechargeable Alkaline Charge/Discharge Controller IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2902 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2902 Datasheet HTML 1Page - Texas Instruments BQ2902 Datasheet HTML 2Page - Texas Instruments BQ2902 Datasheet HTML 3Page - Texas Instruments BQ2902 Datasheet HTML 4Page - Texas Instruments BQ2902 Datasheet HTML 5Page - Texas Instruments BQ2902 Datasheet HTML 6Page - Texas Instruments BQ2902 Datasheet HTML 7Page - Texas Instruments BQ2902 Datasheet HTML 8Page - Texas Instruments BQ2902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ous operational states and their associated conditions
which are described in detail in the following section.
Figure 3 is an application example.
Charge Initiation
The bq2902 always initiates and performs a charge cycle
whenever a valid DC input is applied. A charge cycle
consists of pulse charging the battery and then checking
for a termination condition.
The charging section ex-
plains charging in greater detail.
Charge Pre-Qualification
After DC is applied, the bq2902 checks the open-circuit
voltage (VOCV) of each cell for an undervoltage condition
(VMIN = 0.4V) and begins a charge cycle when the VOCV
of all cells is above VMIN.If VOCV of any cell is below
VMIN, the bq2902 enters a charge-pending mode and in-
dicates a fault condition (see Table 1). The bq2902 re-
mains in a charge-pending mode until VOCV of each cell
is above VMIN.
Charge Termination
Once a charge cycle begins, the bq2902 terminates
charge when the average charge rate falls below 3% of
the maximum charge rate. The bq2902 also terminates
charge when the closed-circuit voltage (VCCV) of any cell
exceeds 3.0V (VFLT) during charge and indicates a fault
condition on the CHG output (see Table 1).
Charge Re-Initiation
If DC remains valid, the bq2902 suspends all charge
activity after full-charge termination. A charge cycle is
re-initiated when all cell potentials fall below 1.4V. The
rechargeable alkaline cells, unlike other rechargeable
chemistries, do not require a maintenance charge to
keep the cells in a fully charged state. The self-discharge
rate for the Renewal cells is typically 4% per year at
room temperature.
Charge Status Indication
Table 1 and Figure 2 outline the various charge action
states and the associated BAT1P, and CHG output
states. The charge status output is designed to work
with an LED indicator. In all cases, if DC is not present
at the DC pin, or if the DC supply is less than the volt-
age at the BAT1P pin, the CHG output is held in a high-
impedance condition.
Charging
The bq2902 controls charging by periodically connecting
the DC current-source to the battery stack, not to the in-
dividual battery cells.
The charge current is pulsed
from the internal clock at approximately a 80Hz rate on
the BAT1P pin.
The bq2902 pulse charges the battery for approximately
10ms of every 12.5ms, when conditions warrant. The
bq2902 measures the open-circuit voltage (VOCV) of each
battery cell during the idle period. If a single-cell poten-
3
bq2902
Charge Action State
Conditions
BAT1P Input
CHG
Output
DC absent
VDC < VBAT1P
Low battery detection per VSEL
Z
Charge initiation
DC applied
-
-
Charge pending/
fault
VOCV < 0.4V
1 or VCCV > 3.0V2
-
2
3 sec = Low
2
3 sec = Z
Charge pulse
VOCV
≤ 1.63V before pulse
Charge pulsed @ 80Hz per Figure 2
1
6 sec = Low
1
6 sec = Z
Pulse skip
VOCV > 1.63V
before pulse
Pulse skipped per Figure 2
1
6 sec = Low
1
6 sec = Z
Charge complete
Average charge rate falls below 3% of
the fast charge rate
Charge complete
Low
Notes:
1.
VOCV = Open-circuit voltage of each cell between positive and negative leads.
2.
VCCV = Closed-circuit voltage.
Table 1. bq2902 Operational Summary


Similar Part No. - BQ2902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2903 ETC-BQ2903 Datasheet
147Kb / 12P
   Rechargeable Alkaline Charge/Discharge Controller IC
BQ2903PN ETC-BQ2903PN Datasheet
147Kb / 12P
   Rechargeable Alkaline Charge/Discharge Controller IC
BQ2903SN ETC-BQ2903SN Datasheet
147Kb / 12P
   Rechargeable Alkaline Charge/Discharge Controller IC
More results

Similar Description - BQ2902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2903 ETC-BQ2903 Datasheet
147Kb / 12P
   Rechargeable Alkaline Charge/Discharge Controller IC
PSG91110 ETC2-PSG91110 Datasheet
224Kb / 1P
   Non-rechargeable Alkaline Battery LR03/AAA Size
PSG91112 ETC2-PSG91112 Datasheet
202Kb / 1P
   Non-rechargeable Alkaline Battery LR14 /C Size
logo
ON Semiconductor
DN05132 ONSEMI-DN05132 Datasheet
647Kb / 4P
   LiB Charge/Discharge Controller for Charging Cradle Systems
December 2019, Rev. 0
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
   high speed charge-discharge
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
logo
Ultralife Corporation.
CA0022 ULTRALIFE-CA0022 Datasheet
388Kb / 1P
   Charge/Discharge cable for UBBL06
28 AUG 15 Rev: C
logo
SHENZHEN FUMAN ELECTRON...
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com