Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9110
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110 Datasheet(HTML) 3 Page - Intersil Corporation

  X9110 Datasheet HTML 1Page - Intersil Corporation X9110 Datasheet HTML 2Page - Intersil Corporation X9110 Datasheet HTML 3Page - Intersil Corporation X9110 Datasheet HTML 4Page - Intersil Corporation X9110 Datasheet HTML 5Page - Intersil Corporation X9110 Datasheet HTML 6Page - Intersil Corporation X9110 Datasheet HTML 7Page - Intersil Corporation X9110 Datasheet HTML 8Page - Intersil Corporation X9110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN8158.2
October 7, 2005
Circuit Level Applications
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier
circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and Q-factor in
filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF circuits
• Provide a control variable (I, V, or R) in feedback circuits
System Level Applications
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF power
amplifier in wireless systems
• Control the gain in audio and home entertainment systems
• Provide the variable DC bias for tuners in RF wireless
systems
• Set the operating points in temperature control systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent systems
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle, data is
shifted out on this pin. Data is clocked out on the falling edge
of the serial clock.
SERIAL INPUT (SI)
SI is the serial data input pin. All opcodes, byte addresses
and data to be written to the pots and pot registers are input
on this pin. Data is latched by the rising edge of the serial
clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the
X9110.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select the
device. Once the part is selected and a serial sequence is
underway, HOLD may be used to pause the serial
communication with the controller without resetting the serial
sequence. To pause, HOLD must be brought LOW while SCK is
LOW. To resume communication, HOLD is brought HIGH, again
while SCK is LOW. If the pause feature is not used, HOLD should
be held HIGH at all times.
DEVICE ADDRESS (A0)
The address input is used to set the 8-bit slave address. A
match in the slave address serial data stream A0 must be
made with the address input (A0) in order to initiate
communication with the X9110.
CHIP SELECT (CS)
When CS is HIGH, the X9110 is deselected and the SO pin
is at high impedance, and (unless an internal write cycle is
underway) the device will be in the standby state. CS LOW
enables the X9110, placing it in the active power mode. It
should be noted that after a power-up, a HIGH to LOW
transition on CS is required prior to the start of any
operation.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to the
Data Registers.
Pin Descriptions
PIN
(TSSOP)
SYMBOL
FUNCTION
1
V+
Analog Supply Voltage
2
SO
Serial Data Output
3
A0
Device Address
4
SCK
Serial Clock
5WP
Hardware Write Protect
6
SI
Serial Data Input
7VSS
System Ground
8V
-
Analog Supply Voltage
9
CS
Chip Select
10
HOLD
Device Select. Pause the Serial Bus
11
RW
Wiper Terminal of the Potentiometer
12
RH
High Terminal of the Potentiometer
13
RL
Low Terminal of the Potentiometer
14
VCC
System Supply Voltage
Pin Descriptions
PIN
(TSSOP)
SYMBOL
FUNCTION
X9110


Similar Part No. - X9110

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9110 XICOR-X9110 Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110 INTERSIL-X9110 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9110 INTERSIL-X9110 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9110 INTERSIL-X9110 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
More results

Similar Description - X9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com