Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015UM8I Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9015UM8I
Description  Low Noise, Low Power Volatile
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015UM8I Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9015UM8I Datasheet HTML 3Page - Intersil Corporation X9015UM8I Datasheet HTML 4Page - Intersil Corporation X9015UM8I Datasheet HTML 5Page - Intersil Corporation X9015UM8I Datasheet HTML 6Page - Intersil Corporation X9015UM8I Datasheet HTML 7Page - Intersil Corporation X9015UM8I Datasheet HTML 8Page - Intersil Corporation X9015UM8I Datasheet HTML 9Page - Intersil Corporation X9015UM8I Datasheet HTML 10Page - Intersil Corporation X9015UM8I Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN8157.1
September 15, 2005
Performance Characteristics (Typical)
FIGURE 1. TYPICAL NOISE
FIGURE 2. TYPICAL RTOTAL VS. TEMPERATURE
FIGURE 3. TYPICAL TOTAL RESISTANCE TEMPERATURE COEFFICIENT
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
0
10
20
3040
5060
7080
90
100
FREQUENCY (kHz)
110 120
130 140
150 160
170 180
190 200
10000
9800
9600
9400
9200
9000
8800
8600
8400
8200
8000
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
TEMPERATURE
85
95
105
115 125 C°
-55
-350
-300
-250
-200
-150
-100
-50
0
-45
-35
-25
-15
-5
5
15
25
35
TEMPERATURE
PPM
45
55
65
75
85
95
105
115
125
°C
X9015


Similar Part No. - X9015UM8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015UM8I INTERSIL-X9015UM8I Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015UM8I-2.7 INTERSIL-X9015UM8I-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015UM8IZ INTERSIL-X9015UM8IZ Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015UM8IZ INTERSIL-X9015UM8IZ Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
logo
Renesas Technology Corp
X9015UM8IZ RENESAS-X9015UM8IZ Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9015UM8I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Analog Devices
AD7785 AD-AD7785_15 Datasheet
636Kb / 32P
   3-Channel, Low Noise, Low Power
REV. 0
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Analog Devices
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7799 AD-AD7799_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com