Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9111TV14 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9111TV14
Description  Single Supply/Low Power/1024-Tap/SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111TV14 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9111TV14 Datasheet HTML 4Page - Intersil Corporation X9111TV14 Datasheet HTML 5Page - Intersil Corporation X9111TV14 Datasheet HTML 6Page - Intersil Corporation X9111TV14 Datasheet HTML 7Page - Intersil Corporation X9111TV14 Datasheet HTML 8Page - Intersil Corporation X9111TV14 Datasheet HTML 9Page - Intersil Corporation X9111TV14 Datasheet HTML 10Page - Intersil Corporation X9111TV14 Datasheet HTML 11Page - Intersil Corporation X9111TV14 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN8159.1
March 25, 2005
Read Data Register (DR)
CS
Falling
Edge
Device
Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Wiper Position
(Sent by X9111 on SO)
Wiper Position
(sent by X9111 on SO)
CS
Rising
Edge
0 1010 A1 A0
10
10
RB RA
00
X
X
X
X
X
X
W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
Write Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Wiper Position or Data
(Sent by Master on SI)
Wiper Position or Data
(Sent by Master on SI)
CS
Rising
Edge
01
01
0
A1 A0
1100
R
B
R
A
0
0
XXXXX
X
W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
Transfer Data Register (DR) to Wiper Counter Register (WCR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
CS
Rising
Edge
01010
A1 A0
1100
RB RA
00
Transfer Wiper Counter Register (WCR) to Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register Addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
0101
0
A1 A0
11
10
RB
RA
0
0
Read Status Register (SR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Status Data
(Sent by Slave on SO)
Status Data
(Sent by Slave on SO)
CS
Rising
Edge
01010
A1 A0
010000
01
XXXXXXXX
0000000
WI
P
NOTES:
1. “A0 and A1”: stand for the device address sent by the master.
2. WCRx refers to wiper position data in the Wiper Counter Register
3. “X”: Don’t Care.
X9111


Similar Part No. - X9111TV14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111TV14 XICOR-X9111TV14 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14 INTERSIL-X9111TV14 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9111TV14 INTERSIL-X9111TV14 Datasheet
327Kb / 17P
   Single Digitally-Controlled (XDCP) Potentiometer
September 15, 2006
logo
Xicor Inc.
X9111TV14-2.7 XICOR-X9111TV14-2.7 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9111TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com