Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WS8 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9116WS8
Description  Low Noise, Low Power, Low Cost
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WS8 Datasheet(HTML) 5 Page - Intersil Corporation

  X9116WS8 Datasheet HTML 1Page - Intersil Corporation X9116WS8 Datasheet HTML 2Page - Intersil Corporation X9116WS8 Datasheet HTML 3Page - Intersil Corporation X9116WS8 Datasheet HTML 4Page - Intersil Corporation X9116WS8 Datasheet HTML 5Page - Intersil Corporation X9116WS8 Datasheet HTML 6Page - Intersil Corporation X9116WS8 Datasheet HTML 7Page - Intersil Corporation X9116WS8 Datasheet HTML 8Page - Intersil Corporation X9116WS8 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN8160.1
September 12, 2005
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
MIN TYP (Note 4)
MAX
UNIT
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ max tCYC
150
µA
ICC2
VCC active current (Store) (EEPROM Store) CS = VIH, U/D = VIL or VIH and
INC =VIH @ max tWR
400
µA
ISB
Standby supply current
CS = VCC–0.3V, U/D and INC =VSS or
VCC–0.3V
1µA
ILI
CS, INC, U/D input leakage current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH voltage
2V
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
0.8
V
CIN (Note 5) CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = 25°C,
f=1MHz
10
pF
4. Typical values are for TA = 25°C and nominal supply voltage.
5. This parameter is periodically sampled and not 100% tested.
Endurance And Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Test Circuit #1
Test Circuit #2
Circuit #3 SPICE Macro Model
Test Point
VW/RW
VH/RH
VL/RL
VS
Force
Current
VL
VW
VH/RH
VW/RW
VL/RL
Test Point
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF
A.C. Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
X9116


Similar Part No. - X9116WS8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116WS8 XICOR-X9116WS8 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WS8 INTERSIL-X9116WS8 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
logo
Xicor Inc.
X9116WS8-2.7 XICOR-X9116WS8-2.7 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WS8-2.7 INTERSIL-X9116WS8-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
logo
Xicor Inc.
X9116WS8I XICOR-X9116WS8I Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
More results

Similar Description - X9116WS8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com