Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015UM8Z-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9015UM8Z-2.7
Description  Low Noise, Low Power Volatile
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015UM8Z-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9015UM8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9015UM8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN8157.1
September 15, 2005
) D.C. Operating Specifications Over recommended operating conditions unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(Note 4)
MAX.
UNITS
ICC1
VCC active current (increment)
CS = VIL, U/D = VIL or VIH and
INC = 0.4V @ max. tCYC
50
µA
ICC2
VCC active current (Store) (EEPROM
Store)
CS = VIH, U/D = VIL or VIH and
INC =VIH @ max. tWR
400
µA
ISB
Standby supply current
CS = VCC – 0.3V, U/D and
INC =VSS or VCC – 0.3V
1µA
ILI
CS, INC, U/D input leakage current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x 0.1
V
CIN (Note 5) CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = 25°C,
f= 1MHz
10
pF
TEST CIRCUIT #1
TEST CIRCUIT #2
CIRCUIT #3 SPICE MACRO MODEL
Test Point
VW/RW
VH/RH
VL/RL
VS
Force
Current
VL
VW
Test Point
VH/RH
VW/RW
VL/RL
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF
A.C. Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
X9015


Similar Part No. - X9015UM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015UM8Z-2.7 INTERSIL-X9015UM8Z-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015UM8Z-2.7 INTERSIL-X9015UM8Z-2.7 Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
logo
Renesas Technology Corp
X9015UM8Z-2.7 RENESAS-X9015UM8Z-2.7 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9015UM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Analog Devices
AD7785 AD-AD7785_15 Datasheet
636Kb / 32P
   3-Channel, Low Noise, Low Power
REV. 0
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Analog Devices
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7799 AD-AD7799_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com