Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9119TV14 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9119TV14
Description  Single Supply/Low Power/1024-Tap/2-Wire Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9119TV14 Datasheet HTML 2Page - Intersil Corporation X9119TV14 Datasheet HTML 3Page - Intersil Corporation X9119TV14 Datasheet HTML 4Page - Intersil Corporation X9119TV14 Datasheet HTML 5Page - Intersil Corporation X9119TV14 Datasheet HTML 6Page - Intersil Corporation X9119TV14 Datasheet HTML 7Page - Intersil Corporation X9119TV14 Datasheet HTML 8Page - Intersil Corporation X9119TV14 Datasheet HTML 9Page - Intersil Corporation X9119TV14 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN8162.2
September 15, 2005
Instruction and Register Description
DEVICE ADDRESSING: IDENTIFICATION BYTE
(ID AND A)
Following a start condition the master must output the
address of the slave it is accessing. The most
significant four bits of the slave address are the device
type identifier. The ID[3:0] bits is the device id for the
X9119; this is fixed as 0101[B] (refer to Table 1).
The A2–A0 bits in the ID byte is the internal slave
address. The physical device address is defined by
the state of the A2–A0 input pins. The slave address is
externally specified by the user. The X9119 compares
the serial data stream with the address input state; a
successful compare of both address bits is required for
the X9119 to successfully continue the command
sequence. Only the device which slave address
matches the incoming device address sent by the
master executes the instruction. The A2–A0 inputs
can be actively driven by CMOS input signals or tied to
VCC or VSS. The R/W bit is the LSB and is be used to
program the device for read or write operations.
INSTRUCTION BYTE AND REGISTER SELECTION
The next byte sent to the X9119 contains the
instruction and register pointer information. The three
most significant bits are used provide the instruction
opcode (IOP[2:0]). The RB and RA bits point to one of
the four registers. The format is shown below in
Table 2.
Table 3 provides a complete summary of the
instruction set opcodes.
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
ID3
ID2
ID1
ID0
A2
A1
A0
R/W
01
01
(MSB)
(LSB)
Device Type
Identifies
Internal Slave
Address
Read or
Write Bit
I2
I1
I0
0
RB
RA
0
0
(MSB)
(LSB)
Instruction
Opcode
Register
Selection
Register Selected
RB
RA
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
X9119


Similar Part No. - X9119TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14 INTERSIL-X9119TV14 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14 INTERSIL-X9119TV14 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9118 INTERSIL-X9118 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com