Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AYPIZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9221AYPIZ
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AYPIZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9221AYPIZ Datasheet HTML 3Page - Intersil Corporation X9221AYPIZ Datasheet HTML 4Page - Intersil Corporation X9221AYPIZ Datasheet HTML 5Page - Intersil Corporation X9221AYPIZ Datasheet HTML 6Page - Intersil Corporation X9221AYPIZ Datasheet HTML 7Page - Intersil Corporation X9221AYPIZ Datasheet HTML 8Page - Intersil Corporation X9221AYPIZ Datasheet HTML 9Page - Intersil Corporation X9221AYPIZ Datasheet HTML 10Page - Intersil Corporation X9221AYPIZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN8163.1
September 14, 2005
Table 1. Instruction Set
Note:
(7) N/A = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical)
Figure 7. Acknowledge Response from Receiver
Instruction
Instruction Format
Operation
I3
I2
I1
I0
0P0
R1
R0
Read WCR
1
0
0
1
0
1/0
N/A(7)
N/A
Read the contents of the Wiper Counter Register
pointed to by P0
Write WCR
1
0
1
0
0
1/0
N/A
N/A
Write new value to the Wiper Counter Register
pointed to by P0
Read Data Register
1
0
1
1
0
1/0
1/0
1/0
Read the contents of the Register pointed to by
P0 and R1–R0
Write Data Register
1
1
0
0
0
1/0
1/0
1/0
Write new value to the Register pointed to by P0
and R1–R0
XFR Data Register to
WCR
1
1
0
1
0
1/0
1/0
1/0
Transfer the contents of the Register pointed to
by P0 and R1–R0 to its associated WCR
XFR WCR to Data
Register
1
1
1
0
0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by
P0 to the Register pointed to by R1–R0
Global XFR Data
Register to WCR
0
0
0
1
N/A
N/A
1/0
1/0
Transfer the contents of the Data Registers
pointed to by R1–R0 of both pots to their
respective WCR
Global XFR WCR
to Data Register
1
0
0
0
N/A
N/A
1/0
1/0
Transfer the contents of all WCRs to their
respective data Registers pointed to by R1–R0
of both pots
Increment/Decrement
Wiper
0
0
1
0
0
1/0
N/A
N/A
Enable Increment/decrement of the WCR point-
ed to by P0
SCL from
Data Output
1
89
START
Acknowledge
Master
from Transmitter
Data Output
from Receiver
X9221A


Similar Part No. - X9221AYPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AYS RENESAS-X9221AYS Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AYSI INTERSIL-X9221AYSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AYSI INTERSIL-X9221AYSI Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X9221AYPIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com