Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9258
Description  Low Noise/Low Power/2-Wire Bus/256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9258 Datasheet HTML 7Page - Intersil Corporation X9258 Datasheet HTML 8Page - Intersil Corporation X9258 Datasheet HTML 9Page - Intersil Corporation X9258 Datasheet HTML 10Page - Intersil Corporation X9258 Datasheet HTML 11Page - Intersil Corporation X9258 Datasheet HTML 12Page - Intersil Corporation X9258 Datasheet HTML 13Page - Intersil Corporation X9258 Datasheet HTML 14Page - Intersil Corporation X9258 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8168.1
May 6, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias..................... -65
°C to +135°C
Storage temperature ......................... -65
°C to +150°C
Voltage on SDA, SCL or any address input
with respect to VSS ................................. -1V to +7V
Voltage on V+ (referenced to VSS) ........................ 10V
Voltage on V- (referenced to VSS) ........................-10V
(V+) - (V-)............................................................... 12V
Any VH/RH...............................................................V+
Any VL/RL................................................................. V-
Lead temperature (soldering, 10 seconds) ........ 300
°C
IW (10 seconds)................................................±15mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
End to end resistance tolerance
±20
%
Power rating
50
mW
25°C, each pot
IW
Wiper current
±7.5
mA
Wiper current =
± 1mA
RW
Wiper resistance
150
250
IW = ± 1mA @ V+ = 3V, V- = -3V
RW
Wiper resistance
40
100
IW = ± 1mA @ V+ = 5V, V- = -5V
V+
Voltage on V+ Pin
X9258
+4.5
+5.5
V
X9258-2.7
+2.7
+5.5
V-
Voltage on V- Pin
X9258
-5.5
-4.5
V
X9258 -2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL pin
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
0.6
%
Absolute linearity (1)
±1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative linearity (2)
±0.6
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/
°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitance
10/10/25
pF
See Circuit #3
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9258
5V
± 10%
X9258-2.7
2.7V to 5.5V
X9258


Similar Part No. - X9258

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258 INTERSIL-X9258 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
X9258 INTERSIL-X9258 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
X9258 INTERSIL-X9258 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com