Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250US24I-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9250US24I-2.7
Description  Low Noise/Low Power/SPI Bus/256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250US24I-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9250US24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9250US24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9250
Low Noise/Low Power/SPI Bus/256 Taps
Quad Digitally Controlled Potentiometers
(XDCP™)
FEATURES
• Four potentiometers in one package
• 256 resistor taps/pot - 0.4% resolution
• SPI serial interface
• Wiper resistance, 40
Ω typical @ VCC = 5V
• Four nonvolatile data registers for each pot
• Nonvolatile storage of wiper position
• Standby current < 5µA max (total package)
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• 100k
Ω, 50kΩ total pot resistance
• High reliability
—Endurance – 100,000 data changes per bit per
register
—Register data retention - 100 years
• 24-lead SOIC, 24-lead TSSOP
• Dual supply version of X9251
DESCRIPTION
The
X9250
integrates
4
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array though the switches. Power up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
CS
SCK
A0
A1
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
SO
SI
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 2
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 3
VH3/RH3
VL3/RH3
VW3/RW3
Pot1
HOLD
WP
Pot 0
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8165.1
March 25, 2005


Similar Part No. - X9250US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250US24I-2.7 XICOR-X9250US24I-2.7 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250US24I-2.7 INTERSIL-X9250US24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250US24I-2.7 INTERSIL-X9250US24I-2.7 Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
X9250US24I-2.7 RENESAS-X9250US24I-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com