Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259US24 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9259US24
Description  Single Supply/Low Power/256-Tap/2-Wire bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259US24 Datasheet(HTML) 1 Page - Intersil Corporation

  X9259US24 Datasheet HTML 1Page - Intersil Corporation X9259US24 Datasheet HTML 2Page - Intersil Corporation X9259US24 Datasheet HTML 3Page - Intersil Corporation X9259US24 Datasheet HTML 4Page - Intersil Corporation X9259US24 Datasheet HTML 5Page - Intersil Corporation X9259US24 Datasheet HTML 6Page - Intersil Corporation X9259US24 Datasheet HTML 7Page - Intersil Corporation X9259US24 Datasheet HTML 8Page - Intersil Corporation X9259US24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8169.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9259
Single Supply/Low Power/256-Tap/2-Wire bus
Quad Digitally-Controlled (XDCP™)
Potentiometers
The X9259 integrates four digitally controlled potentio-
meters (XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are imple-mented
with a combination of resistor elements and CMOS switches.
The position of the wipers are controlled by the user through
the 2-wire bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and four
non-volatile Data Registers that can be directly written to and
read by the user. The content of the WCR controls the
position of the wiper. At power-up, the device recalls the
content of the default Data Registers of each DCP (DR00,
DR10, DR20, and DR30) to the corresponding WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four Separate Potentiometers in One Package
• 256 Resistor Taps–0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
• Wiper Resistance: 100
Ω typical @ VCC = 5V
• 4 Non-volatile Data Registers for Each Potentiometer
• Non-volatile Storage of Multiple Wiper Positions
• Standby Current < 5µA Max
•VCC: 2.7V to 5.5V Operation
•50k
Ω, 100kΩ versions of Total Resistance
• Endurance: 100,000 Data Changes per Bit per Register
• 100 yr. Data Retention
• Single Supply Version of X9258
• 24 Ld SOIC, 24 Ld TSSOP
• Low Power CMOS
• Pb-Free Plus Anneal Available (RoHS Compliant)
Functional Diagram
POWER UP,
INTERFACE
CONTROL
AND
VCC
VSS
2-Wire
RH0
RL0
DCP0
RW0
A1
SDA
SCL
A3
A2
WP
WCR0
DR00
DR01
DR02
DR03
RH1
RL1
DCP1
RW1
WCR1
DR10
DR11
DR12
DR13
RH2
RL2
DCP2
RW2
WCR2
DR20
DR21
DR22
DR23
RH3
RL3
DCP3
RW3
WCR3
DR30
DR31
DR32
DR33
A0
Interface
STATUS
Data Sheet
September 16, 2005


Similar Part No. - X9259US24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24 INTERSIL-X9259US24 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259US24-2.7 INTERSIL-X9259US24-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259US24I INTERSIL-X9259US24I Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259US24I-2.7 INTERSIL-X9259US24I-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259US24IZ INTERSIL-X9259US24IZ Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
More results

Similar Description - X9259US24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com