Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9269TS24-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9269TS24-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9269TS24-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9269TS24-2.7 Datasheet HTML 6Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 7Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 8Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 9Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 10Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 11Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 12Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 13Page - Intersil Corporation X9269TS24-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
FN8173.1
March 28, 2005
DEVICE DESCRIPTION
Instructions
Four of the nine instructions are three bytes in length.
These instructions are:
– Read Wiper Counter Register – read the current
wiper position of the selected potentiometer,
– Write Wiper Counter Register – change current
wiper position of the selected potentiometer,
– Read Data Register – read the contents of the
selected Data Register;
– Write Data Register – write a new value to the
selected Data Register.
The basic sequence of the three byte instructions is
illustrated in Figure 4. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the
wiper to this action will be delayed by tWRL. A transfer
from the WCR (current wiper position), to a Data
Register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or it may occur globally, where
the transfer occurs between all potentiometers and
one associated register.
Four instructions require a two-byte sequence to
complete. These instructions transfer data between the
host and the X9269; either between the host and one of
the data registers or directly between the host and the
Wiper Counter Register. These instructions are:
– XFR Data Register to Wiper Counter Register –
This transfers the contents of one specified Data
Register to the associated Wiper Counter Register.
– XFR Wiper Counter Register to Data Register –
This transfers the contents of the specified Wiper
Counter Register to the specified associated Data
Register.
– Global XFR Data Register to Wiper Counter
Register – This transfers the contents of all speci-
fied Data Registers to the associated Wiper Counter
Registers.
– Global XFR Wiper Counter Register to Data
Register – This transfers the contents of all Wiper
Counter Registers to the specified associated Data
Registers.
INCREMENT/DECREMENT COMMAND
The final command is Increment/Decrement (Figure 5
and
6).
The
Increment/Decrement
command
is
different
from
the
other
commands.
Once
the
command is issued and the X9269 has responded
with an acknowledge, the master can clock the
selected wiper up and/or down in one segment steps;
thereby, providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH,
the selected wiper will move one resistor segment
towards the RH terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move
one resistor segment towards the RL terminal.
See Instruction format for more details.
X9269


Similar Part No. - X9269TS24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269TS24-2.7 XICOR-X9269TS24-2.7 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9269TS24-2.7 INTERSIL-X9269TS24-2.7 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269TS24-2.7 RENESAS-X9269TS24-2.7 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9269TS24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com