Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9400
Description  Low Noise/Low Power/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9400 Datasheet HTML 3Page - Intersil Corporation X9400 Datasheet HTML 4Page - Intersil Corporation X9400 Datasheet HTML 5Page - Intersil Corporation X9400 Datasheet HTML 6Page - Intersil Corporation X9400 Datasheet HTML 7Page - Intersil Corporation X9400 Datasheet HTML 8Page - Intersil Corporation X9400 Datasheet HTML 9Page - Intersil Corporation X9400 Datasheet HTML 10Page - Intersil Corporation X9400 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8189.1
March 31, 2005
Figure 8. Increment/Decrement Timing Limits
Table 1. Instruction Set
Instruction
Instruction Set
Operation
I3
I2
I1
I0 R1 R0 P1 P0
Read Wiper Counter Register
1
0
0
1
0
0
P1
P0 Read the contents of the Wiper Counter Register
pointed to by P1 - P0
Write Wiper Counter Register
1
0
1
0
0
0
P1
P0 Write new value to the Wiper Counter Register
pointed to by P1 - P0
Read Data Register
1
0
1
1
R1 R0
P1
P0 Read the contents of the Data Register pointed to
by P1 - P0 and R1 - R0
Write Data Register
1
1
0
0
R1 R0
P1
P0 Write new value to the Data Register pointed to by
P1 - P0 and R1 - R0
XFR Data Register to Wiper
Counter Register
11
0
1
R1 R0
P1
P0 Transfer the contents of the Data Register pointed to
by R1 - R0 to the Wiper Counter Register pointed to by
P1 - P0
XFR Wiper Counter Register
to Data Register
11
1
0
R1 R0
P1
P0 Transfer the contents of the Wiper Counter
Register pointed to by P1 - P0 to the Register
pointed to by R1 - R0
Global XFR Data Register to
Wiper Counter Register
00
0
1
R1 R0
0
0
Transfer the contents of the Data Registers pointed
to by R1 - R0 of all four pots to their respective Wiper
Counter Register
Global XFR Wiper Counter
Register to Data Register
10
0
0
R1 R0
0
0
Transfer the contents of all Wiper Counter
Registers to their respective data Registers
pointed to by R1 - R0 of all four pots
Increment/Decrement Wiper
Counter Register
00
1
0
0
0
P1
P0 Enable Increment/decrement of the Wiper Counter
Register pointed to by P1 - P0
Read Status (WIP bit)
0
1
0
1
0
0
0
1
Read the status of the internal write cycle, by
checking the WIP bit.
SCK
SI
VW/RW
INC/DEC CMD Issued
tWRID
Voltage Out
X9400


Similar Part No. - X9400

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400 INTERSIL-X9400 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
More results

Similar Description - X9400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com