Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9261UV24I-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9261UV24I-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9261UV24I-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9261UV24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9261UV24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8171.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9261
Single Supply/Low Power/256-Tap/SPI Bus
Dual Digitally-Controlled (XDCP™)
Potentiometers
FEATURES
• Dual–Two Separate Potentiometers
• 256 Resistor Taps/pot–0.4% Resolution
• SPI Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer Single Supply
Device
• Wiper Resistance, 100
Ω typical @ VCC = 5V
• 4 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall Loads Saved Wiper Position on
Power-up.
• Standby Current < 5µA Max
•50k
Ω, 100kΩ Versions of End to End Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes per Bit per
Register
• 24-Lead SOIC, 24-Lead TSSOP
• Low Power CMOS
• Power Supply VCC = 2.7V to 5.5V
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The
X9261
integrates
2
digitally
controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and
four non-volatile Data Registers that can be directly
written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor
array though the switches. Powerup recalls the
contents of the default Data Register (DR0) to the
WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
RH0
RL0
Bus
RW0
Interface
and Control
VCC
VSS
SPI
Bus
Address
Data
Status
Write
Read
Transfer
50k
Ω or 100kΩ versions
Inc/Dec
RH1
RL1
RW1
Power-on Recall
Wiper Counter
Register (WCR)
Data Registers
(DR0-DR3)
Interface
Control
Data Sheet
September 14, 2005


Similar Part No. - X9261UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261UV24 INTERSIL-X9261UV24 Datasheet
362Kb / 20P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9261UV24 RENESAS-X9261UV24 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9261UV24Z INTERSIL-X9261UV24Z Datasheet
362Kb / 20P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9261UV24Z RENESAS-X9261UV24Z Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
More results

Similar Description - X9261UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com