Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9279UV14Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9279UV14Z-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9279UV14Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9279UV14Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9279UV14Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN8175.2
September 27, 2005
CIRCUIT LEVEL APPLICATIONS
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage
amplifier circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF
circuits
• Provide a control variable (I, V, or R) in feedback
circuits
SYSTEM LEVEL APPLICATIONS
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF
power amplifier in wireless systems
• Control the gain in audio and home entertainment
systems
• Provide the variable DC bias for tuners in RF
wireless systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
TSSOP
Symbol
Function
1
NC
No Connect
2
A0
Device Address for 2-Wire bus.
3
NC
No Connect
4
A2
Device Address for 2-Wire bus.
5
SCL
Serial Clock for 2-Wire bus.
6
SDA
Serial Data Input/Output for 2-Wire bus.
7VSS
System Ground.
8WP
Hardware Write Protect
9
A1
Device Address for 2-Wire bus.
10
A3
Device Address for 2 wire-bus.
11
RW
Wiper Terminal of the Potentiometer.
12
RH
High Terminal of the Potentiometer.
13
RL
Low Terminal of the Potentiometer.
14
VCC
System Supply Voltage.
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
A0
RW
SCL
A2
TSSOP
RH
X9279
NC
NC
SDA
A3
WP
A1
X9279


Similar Part No. - X9279UV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279UV14Z-2.7 RENESAS-X9279UV14Z-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
More results

Similar Description - X9279UV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com