Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9409 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9409
Description  Low Noise/Low Power/2-Wire Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9409 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9409 Datasheet HTML 7Page - Intersil Corporation X9409 Datasheet HTML 8Page - Intersil Corporation X9409 Datasheet HTML 9Page - Intersil Corporation X9409 Datasheet HTML 10Page - Intersil Corporation X9409 Datasheet HTML 11Page - Intersil Corporation X9409 Datasheet HTML 12Page - Intersil Corporation X9409 Datasheet HTML 13Page - Intersil Corporation X9409 Datasheet HTML 14Page - Intersil Corporation X9409 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8192.3
October 19, 2005
Increment/Decrement Wiper Counter Register (WCR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
increment/decrement
(sent by master on SDA)
S
T
O
P
01
01
A
3
A
2
A
1
A
0
00
10
0
0
P
1
P
0
I/
D
I/
D
..
..
I/
D
I/
D
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
0
101
A
3
A
2
A
1
A
0
00
0
1
R
1
R
0
00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101
A
3
A
2
A
1
A
0
1000
R
1
R
0
00
SYMBOL TABLE
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
120
100
80
40
60
20
20
40
60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX=
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8k
X9409


Similar Part No. - X9409

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
425Kb / 19P
   Low Noise/Low Power/2-Wire BusQuad Digitally Controlled Potentiometers (XDCP)
September 3, 2015
More results

Similar Description - X9409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com