Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259US24-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9259US24-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259US24-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9259US24-2.7 Datasheet HTML 7Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 8Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 9Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 10Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 11Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 12Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 13Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 14Page - Intersil Corporation X9259US24-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN8169.2
September 16, 2005
Instruction Format
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
Global XFR Data Register (DR) to Wiper Counter Register (WCR)
Notes: (1) “MACK”/”SACK”: stands for the acknowledge sent by the Master/Slave.
(2) “A3 ~ A0”: stands for the device addresses sent by the master.
(3) “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
(4) “I”: stands for the increment operation, SDA held high during active SCL phase (high).
(5) “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
Wiper Position
(Sent by X9259 on SDA) M
A
C
K
S
T
O
P
0101 A3 A2 A1 A0
1
0
0
1
0
0 P1 P0
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
Wiper Position
(Sent by Master on SDA) S
A
C
K
S
T
O
P
0101 A3 A2 A1 A0
1
0
1
0
0
0 P1 P0
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
Wiper Position
(Sent by X9259 on SDA) M
A
C
K
S
T
O
P
0
1
0
1 A3 A2 A1 A0
1011 RB RA P1 P0
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
Wiper Position
(Sent by Master on SDA) S
A
C
K
S
T
O
P
0101 A3 A2 A1 A0
1100 RB RA P1 P0
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
0
1
0
1
A3 A2 A1 A0
0
0
0
1
RB RA
0
0
X9259


Similar Part No. - X9259US24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24-2.7 INTERSIL-X9259US24-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
More results

Similar Description - X9259US24-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com